Electronic Components Datasheet Search
  English  ▼

X  

F2M03C2001 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # F2M03C2001
Description  Class 2 Bluetooth??Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03C2001 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button F2M03C2001 Datasheet HTML 31Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 32Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 33Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 34Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 35Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 36Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 37Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 38Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Rev: 13 September 2005
Class 2 Bluetooth module - F2M03C2
Datasheet
6.4.8 PCM Timing Information
PCM Master Timing
Symbol
Parameter
Mi n
(1)
Typ
Max
(2)
Unit
fmclk
PCMCLK frequency
-
128
256
512
-
kHz
-
PCM_SYNC frequency
-
8
kHz
tmclkh
(1)
PCM_CLK high
980
-
-
ns
tmclkl
(1)
PCM_CLK low
730
-
ns
tdmclksynch
Delay time from PCM_CLK high to
PCM_SYNC high
-
-
20
ns
tdmclkpout
Delay time from PCM_CLK high to valid
PCM_OUT
-
-
20
ns
tdmclklsyncl
Delay time from PCM_CLK low to
PCM_SYNC low (Long Frame Sync
only)
-
-
20
ns
tdmclkhsyncl
Delay time from PCM_CLK high to
PCM_SYNC low
-
-
20
ns
tdmclklpoutz
Delay time from PCM_CLK low to
PCMOUT high impedance
-
-
20
ns
tdmclkhpoutz
Delay time from PCM_CLK high to
PCMOUT high impedance
-
-
20
ns
tsupinclkl
Set-up time for PCM_IN valid to
PCM_CLK low
30
-
-
ns
thpinclkl
Hold time for PCM_CLK low to PCM_IN
invalid
30
-
-
ns
tr
Edge rise time (Cl = 50 pf, 10-90 %)
-
-
15
ns
tf
Edge fall time (Cl = 50 pf, 10-90 %)
-
-
15
ns
Note:
(1) Assumes normal system clock operation. Figures will vary during low power modes, when system clock speeds are reduced.
(2) Valid for temperatures between -40°C and +105°C
PCM Master Timing
© 2003 Free2move AB
Page 35(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com