Electronic Components Datasheet Search
  English  ▼

X  

F2M03C2001 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # F2M03C2001
Description  Class 2 Bluetooth??Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03C2001 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button F2M03C2001 Datasheet HTML 19Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 20Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 21Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 22Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 23Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 24Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 25Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 26Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Rev: 13 September 2005
Class 2 Bluetooth module - F2M03C2
Datasheet
6
Device terminal description
6.1
UART Interface
The F2M03 Bluetooth module’s Universal Asynchronous Receiver Transmitter (UART) interface provides a
simple mechanism for communicating with other serial devices using the RS232 standard
(1).
Universal Asynchronous Receiver
Four signals are used to implement the UART function, as shown in the figure above. When F2M03 is
connected to another digital device, UART_RX and UART_TX transfer data between the two devices. The
remaining two signals, UART_CTS and UART_RTS, can be used to implement RS232 hardware flow
control where both are active low indicators. All UART connections are implemented using CMOS
technology and have signalling levels of 0V and VDD. UART configuration parameters, such as Baud rate
and packet format, are set by Free2move firmware.
Note:
In order to communicate with the UART at its maximum data rate using a standard PC, an accelerated
serial port adapter card is required for the PC.
(1)
Uses RS232 protocol but voltage levels are 0V to VDD, (requires external RS232 transceiver IC)
Parameter
Possible Values
1200 Baud (≤2%Error)
Baud Rate
Minimum
9600 Baud (≤1%Error)
Maximum
1.5MBaud (≤1%Error)
Flow Control
RTS/CTS or None
Parity
None, Odd or Even
Number of Stop Bits
1 or 2
Bits per channel
8
Possible UART Settings
© 2003 Free2move AB
Page 23(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com