Electronic Components Datasheet Search
  English  ▼

X  

SRE Datasheet(PDF) 4 Page - Winchester Electronics Corporation

Part # SRE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SRE Datasheet(HTML) 4 Page - Winchester Electronics Corporation

  SRE Datasheet HTML 1Page - Winchester Electronics Corporation SRE Datasheet HTML 2Page - Winchester Electronics Corporation SRE Datasheet HTML 3Page - Winchester Electronics Corporation SRE Datasheet HTML 4Page - Winchester Electronics Corporation SRE Datasheet HTML 5Page - Winchester Electronics Corporation SRE Datasheet HTML 6Page - Winchester Electronics Corporation SRE Datasheet HTML 7Page - Winchester Electronics Corporation SRE Datasheet HTML 8Page - Winchester Electronics Corporation SRE Datasheet HTML 9Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Mounting Note: Connectors MRAC 26, MRAC 20 and smaller, use guides for mounting in a hood or on a
panel. Connectors MRAC 34, MRAC 42, MRAC 50, MRAC 66, and MRAC 75 use four #4 machine screws, in
addition to guides, for mounting in a hood or on a panel. Guides are not recommended for use with MRAC
104. MRAC 104 uses four #6 machine screws for mounting.
*For numerical contact identification instead of alphabetical, order MNAC._______P or S available in sizes 34,
50 and 104. Example MNAC 34P. MRAC 66 and 75 have numerical contact identification as standard.
Drawings and corresponding part numbers show G type guide sockets except
for the MRAC104P and S which show JT hardware.
.56
.09R
.13R
1.312
1.625
4-40 UNC
2A THD
.86
.27
.37
1.072
Slot
.038
Wide
.86
.52
.78
.37
.27
.75
.47
.23
.09R 4-40 UNC
2A THD
Slot
.038
Wide
.27
.37
.86
.78
.27
.37
1.688
2.000
1.375
.86
.52
Mounting
holes for
number 4
machine
screws
.75
.47
.23
.09R
4-40 UNC
2A THD
Slot
.038
Wide
.27 .37
.86
.78
.27
.37
2.313
1.672
.86
.52
2.000
.73
.44
.09R
.13R
2.312
2.625
4-40 UNC
2A THD
.86
.27
.37
2.125
Slot
.038
Wide
.86
.52
.78
.37
.27
.22
MRAC 41S-G
MRAC 41P-G
MRAC 42S-G
MRAC 42P-G
MRAC 26S-G
MRAC 26P-G
MRAC 34S-G
MRAC 34P-G
.075
Typ
.130 Typ
.075
Typ
.180 Typ
Mounting
holes for
number 4
machine
screws
.075
Typ
.180 Typ
.075
Typ
.130 Typ
Miniature Rectangular, Removable Contacts
MRAC Series
Outline
RP /
4
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com