Electronic Components Datasheet Search
  English  ▼

X  

SRE Datasheet(PDF) 47 Page - Winchester Electronics Corporation

Part # SRE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SRE Datasheet(HTML) 47 Page - Winchester Electronics Corporation

Back Button SRE Datasheet HTML 43Page - Winchester Electronics Corporation SRE Datasheet HTML 44Page - Winchester Electronics Corporation SRE Datasheet HTML 45Page - Winchester Electronics Corporation SRE Datasheet HTML 46Page - Winchester Electronics Corporation SRE Datasheet HTML 47Page - Winchester Electronics Corporation SRE Datasheet HTML 48Page - Winchester Electronics Corporation SRE Datasheet HTML 49Page - Winchester Electronics Corporation SRE Datasheet HTML 50Page - Winchester Electronics Corporation SRE Datasheet HTML 51Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
Jackscrew Locking Devices
Polarized jackscrews offer the ease and
assurance of threaded positive coupling.
They are particularly desirable for the larger
connectors (XMRE 34 and larger) whenever
they are to be used in locations that make it
difficult to apply enough direct pull to
separate the two halves of the connector.
Type C (long-turning jackscrews and
jacksockets) or Type D (monojacks) must be
specified if both jackscrews and hood are
required on the same connector half.
Monojacks eliminate the need for roll pins,
spacers and washers.
Part
Jackscrews
Jacksockets
Jackscrews
Jacksockets
Jackscrews
Jacksockets
Knobs (except
Monojacks
Monojackscrews
Monojacksockets
Wt. Oz.
See Notes
1 & 2
0.30
0.45
0.15
Code
Letter
Turntable M
Long
Turntable C
Fixed
F
Turning
Turning
D
Material and
Finish
stainless steel
with passivating dip
stainless steel
with passivating dip
nickel-plated brass
al. anodized
nickel-plated brass
Guide Socket
Code Letter
G
K
N
Actual Size Photo
G Type
For General Use
N Type For
Extra Mechanical Strength
K Type For
High Electrical Conductivity
Standard Guide Pin
mates with all types
FINISH
Gold over Nickel
MATERIALS
"G" Socket:
Phosphor
bronze.
"K" Socket:
Beryllium copper.
"N" Socket:
Brass.
Guide Pin:
Brass
Note 1: Weights are given for pairs, i.e., for a jackscrew and a
jacksocket, etc., so that the weight figure may be added once to the
weights of other accessories when computing the total weight of a plug
or receptacle.
Note 2: Weights of turnable jackscrews and turnable jacksockets include
knobs and roll pins; weights of fixed hardware include nuts.
Drawings show extension of knobs beyond shell (left) and beyond hood. Refer to details
of shells and hoods for the other dimensions which vary according to connector size.
Dimension A
Dimension B
SERIES CODE 9 14 18 20 26 34 42 50 50-8 66 75 104
0300
–
–
–
– .77 .58 .53 .53
–
–
.52
–
0300X .53 .53 .78 .53 .55 .58 .53 .53
–
–
.52
–
0400 .55 .55 .55 .55 .55 .58 .53 .53
–
–
.52
–
0400X –
–
– .55 .55 .58 .53 .53
–
–
.52
–
0700
–
–––– .58 ––
.64
.64
–
.52
0800
–
–––– .58 ––
.64
.64
–
.52
XMRA
XMRE
CODE 34 42 50 66 75 104
0300
.59 .55 .55 – .53 –
0400
.59 .55 .55 – .53 –
0700
–
–
– .38 – .38
0800
–
–
– .38 – .38
6-32 UNC Except 104
Which is 8-32 UNC
Jackscrew
4-40 UNC
Except
size 104
which is 6-
32
Jacksocket
.73
Hood
Self locking
pin
Shell
A
Mono-
Jackscrew
Mono-
Jacksocket
.052 Dia.
safety wire hole
B
Code designation: C-0300, C-0400
OR
Mating connector half with Hood and
turnable Monojacks
Code designation: D-0300, D-0400
OR
Mating connector half with Hood and
turnable Long Jackscrews-with-
Knobs
AND
Mating connector half with turnable
Jackscrews-with-Knobs
Code designation: M
Connector with fixed Jackscrews
Code designation: F
XMRA & XMRE Series
RP /
47
www.winconn.com
Jackscrews & Jacksockets
Outline
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com