Electronic Components Datasheet Search
  English  ▼

X  

SRE Datasheet(PDF) 40 Page - Winchester Electronics Corporation

Part # SRE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SRE Datasheet(HTML) 40 Page - Winchester Electronics Corporation

Back Button SRE Datasheet HTML 36Page - Winchester Electronics Corporation SRE Datasheet HTML 37Page - Winchester Electronics Corporation SRE Datasheet HTML 38Page - Winchester Electronics Corporation SRE Datasheet HTML 39Page - Winchester Electronics Corporation SRE Datasheet HTML 40Page - Winchester Electronics Corporation SRE Datasheet HTML 41Page - Winchester Electronics Corporation SRE Datasheet HTML 42Page - Winchester Electronics Corporation SRE Datasheet HTML 43Page - Winchester Electronics Corporation SRE Datasheet HTML 44Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
All jackscrews and sockets are stainless steel, passivated,
except for J & JTD which are nickel-plated brass. All knobs
are aluminum, anodized except JTW and JTCW which are
stainless steel, passivated.
Hood Type
HH1 H8
H9
Dimension A
7
– 2.16 2.16
–
9
– 2.47 2.16 2.47
14
– 2.47 1.91 2.47
18
– 2.47 1.91 2.47
20
– 2.47 1.91 2.47
21 2.16 2.47 2.16 2.47
26 2.47 2.47 2.47 2.47
34 2.47 2.47 2.47 2.47
41 2.47 2.47
–
–
42 2.47 2.47 2.47 2.47
50 2.47 2.47 2.47 2.47
75 2.47 2.47 2.47 2.47
Size
Size
HH1H8
H9
Dimension A
7
– 1.91 1.91
–
9
– 2.22 1.91 2.22
14
– 2.22 1.66 2.22
18
– 2.22 1.66 2.22
20
– 2.22 1.66 2.22
21 1.91 2.22 1.91 2.22
26 2.22 2.22 2.22 2.22
34 2.22 2.22 2.22 2.22
41 2.22 2.22
–
–
42 2.22 2.22 2.22 2.22
50 2.22 2.22 2.22 2.22
75 2.22 2.22 2.22 2.22
Size
HH1 H8
H9
Dimension A
7
– 2.03 2.03
–
9
– 2.34 2.03 2.34
14
– 2.34 1.78 2.34
18
– 2.34 2.03 2.34
20
– 2.34 1.78 2.34
21 2.03 2.34 2.03 2.34
26 2.61 2.34 2.34 2.34
34 2.34 2.34 2.34 2.34
41 2.34 2.34
–
–
42 2.34 2.34 2.34 2.34
50 2.34 2.34 2.34 2.34
75 2.34 2.34 2.34 2.34
Type JTCX
Size
Type JTCW
Type JTCU
HH1 H8
H9
Dimension A
7
– 2.16 2.16
–
9
– 2.47 2.16 2.47
14
– 2.47 1.91 2.47
18
– 2.47 2.16 2.47
20
– 2.47 1.91 2.47
21 2.16 2.47 2.16 2.47
26 2.77 2.47 2.47 2.47
34 2.47 2.47 2.47 2.47
41 2.47 2.47
–
–
42 2.47 2.47 2.47 2.47
50 2.47 2.47 2.47 2.47
75 2.47 2.47 2.47 2.47
Type JTCZ
.19 DIA
.078 INT. HEX.
JTCZ
JTCW
A
A
.50
.22
DIA.
A
.25 HEX.
.22 DIA.
JTCX
JTCU
JTU
JTW
JTX
JZ
.22
DIA.
.22 DIA.
.078 INT. HEX.
A
1"
.36
.25 HEX.
.78
.80 TYP.
.16 TYP.
6-32 UNC 2 THD.
(TYP.)
6-32 UNC 2 THD. (TYP.)
Dimensions are for reference
only and are subject to change.
Outline drawings on request.
MRE Series
Outline Jackscrews & Jacksockets
Dimensions
RP /
40
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com