Electronic Components Datasheet Search
  English  ▼

X  

SRE Datasheet(PDF) 69 Page - Winchester Electronics Corporation

Part # SRE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SRE Datasheet(HTML) 69 Page - Winchester Electronics Corporation

Back Button SRE Datasheet HTML 65Page - Winchester Electronics Corporation SRE Datasheet HTML 66Page - Winchester Electronics Corporation SRE Datasheet HTML 67Page - Winchester Electronics Corporation SRE Datasheet HTML 68Page - Winchester Electronics Corporation SRE Datasheet HTML 69Page - Winchester Electronics Corporation SRE Datasheet HTML 70Page - Winchester Electronics Corporation SRE Datasheet HTML 71Page - Winchester Electronics Corporation SRE Datasheet HTML 72Page - Winchester Electronics Corporation SRE Datasheet HTML 73Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
Winchester Electronics
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
For Use With XSRM Connectors
Dimensions
AB
CD
E
F
G
H
XSRM 7-2*000
1
.36 .23 .625 .53
.44
–
.19
XSRM 11-2*000
1
.47 .34 .625 .53
.44
–
.19
XSRM 14-2*000
1.13 .47 .34 .750 .67
.44
–
.19
XSRM 20-2*000
1.38 .47 .34 1.00 .94
.44
–
.19
XSRM 26-2*000
1.63 .47 .34 1.250 1.16 .44
–
.19
XSRM 34-2*000
1.69 .63
.5 1.312 1.16 .44 .172 .19
XSRM 50-2*000
2.19 .63
.5 1.812 1.66 .44 .172 .19
XSRM 75-2*000
2.19 .84 .72 1.812 1.66 .58 .281 .33
XSRM 104-2*000 2.5 1.06 .94 2.062 1.81 .58 .312 .33
Dimensions
AB
CD
E
F
G
H
XSRM 7-1*000
.97
.33
.23 .625 .53
.44
–
.31
XSRM 11-1*000
.97
.44
.34 .625 .53
.44
–
.31
XSRM 14-1*000
1.11 .44
.34 .750 .67
.44
–
.31
XSRM 20-1*000
1.34 .44
.34 1.00 .94
.44
–
.31
XSRM 26-1*000
1.61 .44
.34 1.250 1.16 .44
–
.31
XSRM 34-1*000
1.66 .61
.5 1.312 1.16 .44 .172 .31
XSRM 50-1*000
2.16 .83
.5 1.812 1.66 .44 .172 .31
XSRM 75-1*000
2.16 .81
.72 1.812 1.66 .58 .281 .45
XSRM 104-1*000 2.48 1.05 .94 2.062 1.81 .58 .312 .45
Receptacle Shells ( .031" thick)
Plug Shells ( .031" thick)
Shell Part No.
(if ordered
separately)
Shell Part No.
(if ordered
separately)
The shell part numbers given in table show an
asterisk (*) where the code letter for the
desired polarizing position belongs - example:
XSRM14-2*000 becomes XSRM14-2B000
when polarization in position “B” is desired.
Specify the same position on the mating
shell. For non-polarized shells, merely omit
this position, e.g. XSRM14-2000.
Shell Size
Available Polarization
Positions
7
A,B,C,D
11
A,B,C,D
14
A,B,C,D,E
20
A,B,C,D,E,F,G
26
A,B,C,D,E,F,G
Shell Size
Available Polarization
Positions
34
A,B,C,D,E,F,G
50
A,B,C,D,E,F,G
75
A,B,C,D,E,F,G
104
A,B,C,D,E,F,G
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
For Use With XSRM Connectors
For XSRM 34, 50,
and 104
G
.05R
(.07R for 104)
2 Slots
DE
.06R
B
C
.093 Dia.
4 Holes
.14R
G
.06R
DE
.093 Dia.
4 Holes
.203
.14R
B
C
.05R
(Typ.)
.562
Polarizing Slot
.125 Typ
F
H
A
B
C
D
E
F
G
A
For All XSRM
Config.
DE
B
C
.06R
.14R
For XSMR 7 to 26
.05R
2 Slots
For XSRM 75
Shells are .031 thick aluminum, anodized for
protection against corrosion. Either style -
plug or receptacle - may be used to house a
female insert, thus allowing “live” socket
contacts to be cable or panel mounted.
Shells also provide a means by which
connector polarization is accomplished -
receptacle shell is slotted for engaging a
polarizing pin on plug shell. Non-polarized
shells have the slot and pin omitted.
G
.203
.13R
.05R
(Typ.)
.06R
.093 Dia.
4 Holes
B
C
.562
DE
.06R
.05R
(.07R for 104)
2 Slots
G
DE
B
C
.093 Dia.
4 Holes
.14R
Polarizing Slot
.125 Typ
A
B
C
D
E
F
G
A
H
F
B
C
DE
.06R
.14R
.05R
2 Slots
For XSMR 7 to 26
For All XSRM
Config.
For XSRM 34, 50,
and 104
For XSRM 75
SRM Series
RP /
69
www.winconn.com
Plug Shells
Receptacle Shells
Materials
Polarization
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com