Electronic Components Datasheet Search
  English  ▼

X  

SRE Datasheet(PDF) 56 Page - Winchester Electronics Corporation

Part # SRE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SRE Datasheet(HTML) 56 Page - Winchester Electronics Corporation

Back Button SRE Datasheet HTML 52Page - Winchester Electronics Corporation SRE Datasheet HTML 53Page - Winchester Electronics Corporation SRE Datasheet HTML 54Page - Winchester Electronics Corporation SRE Datasheet HTML 55Page - Winchester Electronics Corporation SRE Datasheet HTML 56Page - Winchester Electronics Corporation SRE Datasheet HTML 57Page - Winchester Electronics Corporation SRE Datasheet HTML 58Page - Winchester Electronics Corporation SRE Datasheet HTML 59Page - Winchester Electronics Corporation SRE Datasheet HTML 60Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
C
AB
D
F
E Dia.
.24
G
2-56 UNC-2A THD.
Slot — .031 Wide
Slot — .020 Wide
.24
H
N
Dia.
.037 Dia.
Solder Cup
.16
K Dia.
J
F
.22
Typ.
M
L THD.
2-56
UNC-2A
.46
Typ.
.11
L THD.
M
.16
N Dia.
.037 Dia.
Solder Cup
.11
.81
Typ.
N Dia.
.11
.16
.47
Typ.
M
L THD.
L THD.
M
.16
N Dia.
.11
.032 Dia.
Hole
1.57 Except Size 44 & 50
Which is 2.34
J Jackscrews
JT Jackscrews
JTU Jackscrews
JTC Jackscrews
The stainless steel guide pin and socket have
good physical strength and are particularly
desirable for mounting connectors which will be
subject to severe vibration in service, but not for
electrical applications. Optional gold plated
brass available for electrical applications.
No. of
Contacts
Series D E
F G H J
K
L Thd
M N
Dia
SLE .62 .08 .24 .10 .14 .59 .125 2-56 UNC* .15 .025
SRE .57 .09 .22 .11 .12 .57 .137 3-48 UNC* .12 .030
SME .62 .08 .24 .10 .14 .59 .125 2-56 UNC* .15 .040
*2-56 UNC Thread also available.
See ordering information for part number suffix.
AB
C
4
.78 .562 .21
5
.70 .482 .21
7
.78 .562 .21
9
.88 .656 .21
11
.78 .531 .28
14
.88 .625 .28
20
1.06 .814 .28
26
1.25 1.000 .28
29
1.34 1.094 .28
34
1.25 1.032 .39
44
1.48 1.267 .39
50
1.63 1.408 .39
SLE-SME-SRE Series
Outline
Dimensions
RP /
56
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com