Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 28Page - Texas Instruments OPA835 Datasheet HTML 29Page - Texas Instruments OPA835 Datasheet HTML 30Page - Texas Instruments OPA835 Datasheet HTML 31Page - Texas Instruments OPA835 Datasheet HTML 32Page - Texas Instruments OPA835 Datasheet HTML 33Page - Texas Instruments OPA835 Datasheet HTML 34Page - Texas Instruments OPA835 Datasheet HTML 35Page - Texas Instruments OPA835 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
elements in half and add a low-impedance path, such as a capacitor or a DC reference, between the two RG
values.
+
±
+
±
Vindiff
OPA838
OPA838
PD
PD
R1 500 Ÿ
R2 500 Ÿ
VCM
RF 3.57 NŸ
RF 3.57 NŸ
RG1 88.7 Ÿ
RG1 88.7 Ÿ
CCM
10nF
VCC
VCC
Vodiff
High Gain
Differential
I/O
VEE
VEE
Figure 8-4. High-Gain Differential I/O Stage
Integrated results are available, but the OPA838 provides a low-power, high-frequency result. For best CMRR
performance, match the resistors. A good rule is CMRR is approximately equal to the resistor tolerance;
therefore, a 0.1% tolerance provides approximately 60-dB CMRR.
8.2.1.1 Design Requirements
As an example design, start with the circuit in Figure 8-4.
• Set the target gain and split the RG element in half. For this example, target a gain of 41 V/V.
• Assess the DC common-mode biasing on the noninverting inputs. The DC biasing must be in range and have
a gain of 1 to the output. This is not illustrated in Figure 8-3.
• If a DC reference is used as the mid-R G bias, setting the reference equal to the noninverting input
bias voltage sets the output common-mode to that voltage. Using a capacitor as illustrated in Figure 8-3
accomplishes the same results.
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com