Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 16Page - Texas Instruments OPA835 Datasheet HTML 17Page - Texas Instruments OPA835 Datasheet HTML 18Page - Texas Instruments OPA835 Datasheet HTML 19Page - Texas Instruments OPA835 Datasheet HTML 20Page - Texas Instruments OPA835 Datasheet HTML 21Page - Texas Instruments OPA835 Datasheet HTML 22Page - Texas Instruments OPA835 Datasheet HTML 23Page - Texas Instruments OPA835 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
7.3 Feature Description
7.3.1 Input Common-Mode Voltage Range
When the primary design goal is a linear amplifier with high CMRR, the input pins must stay within the input
operating range (VICR). These input pins are referenced off of each supply as an input headroom requirement.
Specified operation at 25°C is maintained to the negative supply voltage, and to within 1.3 V of the positive
supply voltage. The common-mode input range specifications in the table data use CMRR to set the limit. The
limits are selected to make sure CMRR does not degrade more than 3 dB less than the minimum CMRR value if
the input voltage is within the specified range.
During linear operation, the voltage difference between the input pins is small (0 V) and the input common-mode
voltage is analyzed at either input pin, as both pins are at the same potential. The voltage at VIN+ is simple
to evaluate. In noninverting configuration (see Figure 7-1), the input signal (VIN) must not violate the VICR. In
inverting configuration (see Figure 7-2), the reference voltage (VREF), must be within the VICR.
The input voltage limits have fixed headroom to the power rails and track the power supply voltages. For a single
5-V supply, the linear 25°C minimum input voltage ranges from 0 V to 3.7 V, and 0 V to 1.4 V for a single 2.7
‑V
supply. The delta headroom from each power supply rail is the same in each case (0 V and 1.3 V).
7.3.2 Output Voltage Range
The OPA838 device is a rail-to-rail output op amp. Rail-to-rail output typically means that the output voltage
swings to within 100 mV of the supply rails. There are different ways to specify this: one is with the output still
in linear operation and another is with the output saturated. Saturated output voltages are closer to the power
supply rails than linear outputs, but the signal is not a linear representation of the input. Saturation and linear
operation limits are affected by the output current, where higher currents lead to more voltage loss in the output
transistors; see Figure 6-56.
The specification tables show saturated output voltage specifications with a 2-kΩ load. Figure 6-11 and Figure
6-43 illustrate saturated voltage-swing limits versus output load resistance, and Figure 6-12 and Figure 6-44
illustrate the output saturation voltage versus load current. With a light load, the output voltage limits have
constant headroom to the power rails and track the power supply voltages. For example, with a 1-kΩ load and a
single 5-V supply, the linear output voltage ranges from 0.12 V to 4.88 V and ranges from 0.12 V to 2.58 V for a
2.7-V supply. The delta from each power supply rail is the same in each case: 0.12 V.
With devices like the OPA838 where the input range is lower than the output range, the input limits the
available signal swing at low gains. Because the OPA838 is intended for higher gains, the smaller input swing
range does not limit operation and full rail-to-rail output is available. Inverting voltage gain and transimpedance
configurations are typically limited by the output voltage limits of the op amp if the noninverting input pin is
biased in range.
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com