Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 15Page - Texas Instruments OPA835 Datasheet HTML 16Page - Texas Instruments OPA835 Datasheet HTML 17Page - Texas Instruments OPA835 Datasheet HTML 18Page - Texas Instruments OPA835 Datasheet HTML 19Page - Texas Instruments OPA835 Datasheet HTML 20Page - Texas Instruments OPA835 Datasheet HTML 21Page - Texas Instruments OPA835 Datasheet HTML 22Page - Texas Instruments OPA835 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
7 Detailed Description
7.1 Overview
The OPA838 is a power-efficient, decompensated, voltage-feedback amplifier (VFA). Combining a negative-rail
input stage and a rail-to-rail output (RRO) stage, the device provides a flexible option where higher gain or
transimpedance designs are required. This 300-MHz gain-bandwidth product (GBP) amplifier requires less than
1 mA of supply current over a 2.7
‑V to 5.4-V total supply operating range. A shutdown feature on the 6-pin
package versions provides power savings where the system requires less than 1 µA when shut down. A
decompensated amplifier operating at low gains (less than 6 V/V) can experience a low phase margin that risks
oscillation. The TINA model for the OPA838 predicts those conditions.
7.2 Functional Block Diagram
The OPA838 is a standard voltage-feedback op amp with two high-impedance inputs and a low-impedance
output. Standard applications circuits are supported; see Figure 7-1 and Figure 7-2. These application circuits
are shown with a dc VREF on the inputs that set the dc operating points for single-supply designs. The VREF is
often ground, especially for split-supply applications.
OPA838
V
SIG
V
REF
V
IN
V
REF
R
G
V
S+
V
S-
R
F
V
OUT
V
REF
GV
SIG
Figure 7-1. Noninverting Amplifier
V IN
OPA838
V
SIG
V
REF
V
REF
V
S+
V
S-
R
F
V
OUT
GV
SIG
V
REF
R
G
Figure 7-2. Inverting Amplifier
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com