Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 19Page - Texas Instruments OPA835 Datasheet HTML 20Page - Texas Instruments OPA835 Datasheet HTML 21Page - Texas Instruments OPA835 Datasheet HTML 22Page - Texas Instruments OPA835 Datasheet HTML 23Page - Texas Instruments OPA835 Datasheet HTML 24Page - Texas Instruments OPA835 Datasheet HTML 25Page - Texas Instruments OPA835 Datasheet HTML 26Page - Texas Instruments OPA835 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
7.3.5 Driving Capacitive Loads
The OPA838 can drive small capacitive loads directly without oscillation (less than 6@pF). When driving
capacitive loads greater than 6 pF, Figure 6-49 illustrates the recommended ROUT vs capacitor load parametric
on gains. At higher gains, the amplifier starts with greater phase margin into a resistive load and can operate
with lower ROUT for a given capacitive load. Without ROUT, output capacitance interacts with the output
impedance of the amplifier, which causes phase shift in the loop gain of the amplifier that reduces the phase
margin. This causes peaking in the frequency response with overshoot and ringing in the pulse response.
Figure 6-49 targets a 30° phase margin for the OPA838. A 30° phase margin produces a 5.7
‑dB peaking in
the frequency response at the amplifier output pin that is rolled off by the output RC pole; see Figure 7-7. This
peaking can cause clipping for large signals driving a capacitive load. Increasing the ROUT value can reduce the
peaking at the cost of a more band-limited overall response.
R
F 1
NŸ
+
PD
+
±
R
G 200
Ÿ
V
V
OUT
V
EE
V
CC
V
EE
V
CC
V1 2.5 V
V2 ±2.5 V
+
+
+
VG1
+
R
OUT 68.1
Ÿ
Figure 7-6. ROUT versus CL Test Circuit
Frequency (Hz)
-5
-2
1
4
7
10
13
16
19
22
25
10k
100k
1M
10M
100M
CapL
At capacitive load
At output pin
Figure 7-7. Frequency Response to Output Pin and Capacitive Load
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com