Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments OPA835 Datasheet HTML 15Page - Texas Instruments OPA835 Datasheet HTML 16Page - Texas Instruments OPA835 Datasheet HTML 17Page - Texas Instruments OPA835 Datasheet HTML 18Page - Texas Instruments OPA835 Datasheet HTML 19Page - Texas Instruments OPA835 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
6.9 Typical Characteristics: Over Supply Range (continued)
at PD = VS+ and TA = 25°C (unless otherwise noted)
Input offset Voltage (µV)
0
25
50
75
100
125
150
175
200
225
250
275
300
-125 -100 -75
-50
-25
0
25
50
75
100 125
5-V Supply
3-V Supply
600 units at each supply voltage
Figure 6-43. Input Offset Voltage Distribution
Input Offset Current (nA)
0
20
40
60
80
100
120
140
160
180
200
220
240
-70 -60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70
5-V Supply
3-V Supply
600 units at each supply voltage
Figure 6-44. Input Offset Current Distribution
Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-100
-80
-60
-40
-20
0
20
40
60
80
100
D045
51 units at 5-V and 3-V supply
Figure 6-45. Input Offset Voltage vs Temperature
Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-25
-20
-15
-10
-5
0
5
10
15
20
25
D046
51 units at 5-V and 3-V supply
Figure 6-46. Input Offset Current vs Temperature
Input offset voltage drift (uV/°C)
0
2
4
6
8
10
12
14
16
5-V drift
3-V drift
51 units at each supply
Figure 6-47. Input Offset Voltage Drift Distribution
Input offset current drift (pA/°C)
0
3
6
9
12
15
18
21
24
27
5-V supply
3-V supply
51 units at each supply
Figure 6-48. Input Offset Current Drift Distribution
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com