Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 7 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD811 Datasheet HTML 3Page - Analog Devices AD811 Datasheet HTML 4Page - Analog Devices AD811 Datasheet HTML 5Page - Analog Devices AD811 Datasheet HTML 6Page - Analog Devices AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices AD811 Datasheet HTML 10Page - Analog Devices AD811 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD811
Figure 11. Quiescent Supply Current vs. Junction Temperature
Figure 12. Input Offset Voltage vs. Junction Temperature
Figure 13. Short-Circuit Current vs. Junction Temperature
Figure 14. Closed-Loop Output Resistance vs. Frequency
Figure 15. Rise Time and Overshoot vs. Value of Feedback Resistor, RFB
Figure 16. Transresistance vs. Junction Temperature
3
6
9
12
15
18
21
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
VS = ±5V
–10
–8
–6
–4
–2
0
2
4
6
8
10
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
VS = ±5V
50
100
150
200
250
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
VS = ±5V
0.01
1
0.1
10
FREQUENCY (Hz)
100k
10k
1M
10M
100M
VS = ±15V
VS = ±5V
GAIN = –2
RFB = 649Ω
–20
0
20
40
60
100
0
2
4
6
8
10
0.8
1.0
0.4
0.6
1.2
1.4
1.6
VALUE OF FEEDBACK RESISTOR [RFB] (kΩ)
OVERSHOOT
RISE TIME
VS = ±15V
VO = 1V p-p
RL = 150Ω
GAIN = +2
0
0.5
1.0
1.5
2.0
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
RL = 200Ω
VOUT = ±10V
VS = ±5V
RL = 150Ω
VOUT = ±2.5V
Rev. G | Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com