Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 1 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 1 Page - Analog Devices

  AD811 Datasheet HTML 1Page - Analog Devices AD811 Datasheet HTML 2Page - Analog Devices AD811 Datasheet HTML 3Page - Analog Devices AD811 Datasheet HTML 4Page - Analog Devices AD811 Datasheet HTML 5Page - Analog Devices AD811 Datasheet HTML 6Page - Analog Devices AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Performance Video Op Amp
Data Sheet
AD811
FEATURES
High speed
140 MHz bandwidth (3 dB, G = +1)
120 MHz bandwidth (3 dB, G = +2)
35 MHz bandwidth (0.1 dB, G = +2)
2500 V/µs slew rate
25 ns settling time to 0.1% (for a 2 V step)
65 ns settling time to 0.01% (for a 10 V step)
Excellent video performance (RL =150 Ω)
0.01% differential gain, 0.01° differential phase
Voltage noise of 1.9 nV/√Hz
Low distortion: THD = −74 dB at 10 MHz
Excellent dc precision: 3 mV max input offset voltage
Flexible operation
Specified for ±5 V and ±15 V operation
±2.3 V output swing into a 75 Ω load (VS = ±5 V)
APPLICATIONS
Video crosspoint switchers, multimedia broadcast systems
HDTV compatible systems
Video line drivers, distribution amplifiers
ADC/DAC buffers
DC restoration circuits
Medical
Ultrasound
PET
Gamma
Counter applications
MIL-STD-883B parts available
CONNECTION DIAGRAMS
Figure 1. 8-Lead Plastic (N-8), CERDIP (Q-8), SOIC_N (R-8)
Figure 2. 16-Lead SOIC_W (RW-16)
Figure 3. 20-Terminal LCC (E-20-1)
GENERAL DESCRIPTION
A wideband current feedback operational amplifier, the AD811
is optimized for broadcast-quality video systems. The −3 dB
bandwidth of 120 MHz at a gain of +2 and the differential gain
and phase of 0.01% and 0.01° (RL = 150 Ω) make the AD811 an
excellent choice for all video systems. The AD811 is designed to
meet a stringent 0.1 dB gain flatness specification to a bandwidth of
35 MHz (G = +2) in addition to low differential gain and phase
errors. This performance is achieved whether driving one or two
back-terminated 75 Ω cables, with a low power supply current
of 16.5 mA. Furthermore, the AD811 is specified over a power
supply range of ±4.5 V to ±18 V.
The AD811 is also excellent for pulsed applications where
transient response is critical. It can achieve a maximum slew
rate of greater than 2500 V/µs with a settling time of less than
25 ns to 0.1% on a 2 V step and 65 ns to 0.01% on a 10 V step.
The AD811 is ideal as an ADC or DAC buffer in data acquisition
systems due to its low distortion up to 10 MHz and its wide unity
gain bandwidth. Because the AD811 is a current feedback ampli-
fier, this bandwidth can be maintained over a wide range of
gains. The AD811 also offers low voltage and current noise of
1.9 nV/√Hz and 20 pA/√Hz, respectively, and excellent dc
accuracy for wide dynamic range applications.
1
2
3
4
8
7
6
5
AD811
NC
–IN
+IN
–VS
+VS
NC
OUTPUT
NC
NC = NO CONNECT
NC
1
NC
2
–IN
3
NC
4
NC
16
NC
15
+VS
14
NC
13
+IN
5
OUTPUT
12
NC
6
NC
11
–VS 7
NC
10
NC
8
NC
9
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
AD811
TOP VIEW
(Not to Scale)
4
NC
5
NC
6
–IN
7
NC
8
+IN
18
NC
17
NC
16
+VS
15
NC
14
OUTPUT
19
20
1
2
3
13
12
11
10
9
TOP VIEW
(Not to Scale)
AD811
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811 Datasheet
230Kb / 15P
High Performance Video Op Amp
REV.D
AD811 AD-AD811 Datasheet
558Kb / 20P
High Performance Video Op Amp
Rev. E
AD811 AD-AD811 Datasheet
465Kb / 21P
High Performance Video Op Amp
4/15-Rev. F to Rev. G
AD8110 AD-AD8110 Datasheet
441Kb / 28P
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV.0
AD8110 AD-AD8110 Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results

Similar Description - AD811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811 Datasheet
230Kb / 15P
High Performance Video Op Amp
REV.D
AD829 AD-AD829 Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD811 AD-AD811_04 Datasheet
558Kb / 20P
High Performance Video Op Amp
Rev. E
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD811 AD-AD811_15 Datasheet
624Kb / 21P
High Performance Video Op Amp
Rev. F
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
logo
Analog Devices
AD811 AD-AD811_17 Datasheet
465Kb / 21P
High Performance Video Op Amp
4/15-Rev. F to Rev. G
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com