Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 14 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD811 Datasheet HTML 10Page - Analog Devices AD811 Datasheet HTML 11Page - Analog Devices AD811 Datasheet HTML 12Page - Analog Devices AD811 Datasheet HTML 13Page - Analog Devices AD811 Datasheet HTML 14Page - Analog Devices AD811 Datasheet HTML 15Page - Analog Devices AD811 Datasheet HTML 16Page - Analog Devices AD811 Datasheet HTML 17Page - Analog Devices AD811 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD811
Data Sheet
OPERATION AS A VIDEO LINE DRIVER
The AD811 has been designed to offer outstanding performance
at closed-loop gains of +1 or greater, while driving multiple
reverse-terminated video loads. The lowest differential gain and
phase errors are obtained when using ±15 V power supplies.
With ±12 V supplies, there is an insignificant increase in these
errors and a slight improvement in gain flatness. Due to power
dissipation considerations, ±12 V supplies are recommended
for optimum video performance. Excellent performance can be
achieved at much lower supplies as well.
The closed-loop gain versus the frequency at different supply
voltages is shown in Figure 42. Figure 43 is an oscilloscope
photograph of an AD811 line driver’s pulse response with
±15 V supplies. The differential gain and phase error versus the
supply are plotted in Figure 44 and Figure 45, respectively.
Another important consideration when driving multiple cables
is the high frequency isolation between the outputs of the
cables. Due to its low output impedance, the AD811 achieves
better than 40 dB of output-to-output isolation at 5 MHz
driving back-terminated 75 Ω cables.
Figure 41. A Video Line Driver Operating at a Gain of +2
Figure 42. Closed-Loop Gain vs. Frequency, Gain = +2
Figure 43. Small Signal Pulse Response, Gain = +2, VS = ±15 V
Figure 44. Differential Gain Error vs. Supply Voltage for
the Video Line Driver of Figure 41
Figure 45. Differential Phase Error vs. Supply Voltage for
the Video Line Driver of Figure 41
VIN
–VS
+VS
0.1
µF
0.1
µF
AD811
VOUT No. 2
VOUT No. 1
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω
75
Ω
649
Ω
649
Ω
75
Ω
75
Ω
75
Ω
+
–
7
6
4
3
2
–6
–3
0
3
6
9
12
FREQUENCY (MHz)
1
10
100
VS = ±15V
RFB = 649Ω
VS = ±5V
RFB = 562Ω
G = +2
RL = 150Ω
RG = RFB
10
90
100
0%
1V
1V
10ns
VIN
VOUT
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
5
6
7
8
9
10
11
12
13
14
15
SUPPLY VOLTAGE (V)
RF = 649Ω
FC = 3.58MHz
100 IRE
MODULATED RAMP
a. DRIVING A SINGLE, BACK-
TERMINATED, 75
Ω COAX CABLE
b. DRIVING TWO PARALLEL, BACK-
TERMINATED, COAX CABLES
a
b
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
5
6
7
8
9
10
11
12
13
14
15
SUPPLY VOLTAGE (V)
RF = 649Ω
FC = 3.58MHz
100 IRE
MODULATED RAMP
a. DRIVING A SINGLE, BACK-
TERMINATED, 75
Ω COAX CABLE
b. DRIVING TWO PARALLEL, BACK-
TERMINATED, COAX CABLES
a
b
Rev. G | Page 14 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com