Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 17 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD811 Datasheet HTML 12Page - Analog Devices AD811 Datasheet HTML 13Page - Analog Devices AD811 Datasheet HTML 14Page - Analog Devices AD811 Datasheet HTML 15Page - Analog Devices AD811 Datasheet HTML 16Page - Analog Devices AD811 Datasheet HTML 17Page - Analog Devices AD811 Datasheet HTML 18Page - Analog Devices AD811 Datasheet HTML 19Page - Analog Devices AD811 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD811
To generate the 1 V dc needed for the 1 − G term, an AD589
reference supplies 1.225 V ± 25 mV to a voltage divider consisting
of resistors R2 through R4. Potentiometer R3 should be adjusted
to provide exactly 1 V at the X1 input.
In this case, an arrangement is shown using dual supplies of ±5 V
for both the AD834 and the AD811. Also, the overall gain is
arranged to be unity at the load when it is driven from a reverse-
terminated 75 Ω line. This means that the dual VCA has to operate
at a maximum gain of +2, rather than +4 as in the VCA circuit
of Figure 46. However, this cannot be achieved by lowering the
feedback resistor because below a critical value (not much less
than 500 Ω) the peaking of the AD811 may be unacceptable.
This is because the dominant pole in the open-loop ac response
of a current feedback amplifier is controlled by this feedback
resistor. It would be possible to operate at a gain of ×4 and then
attenuate the signal at the output. Instead, the signals have been
attenuated by 6 dB at the input to the AD811; this is the
function of R8 through R11.
Figure 48 is a plot of the ac response of the feedback keyer when
driving a reverse-terminated 50 Ω cable. Output noise and
adjacent channel feedthrough, with either channel fully off and
the other fully on, is about −50 dB to 10 MHz. The feedthrough
at 100 MHz is limited primarily by board layout. For VG = 1 V,
the −3 dB bandwidth is 15 MHz when using a 137 Ω resistor for
R14 and 70 MHz with R14 = 49.9 Ω. For more information on
the design and operation of the VCA and video keyer circuits,
refer to the AN-216 Application Note, Video VCAs and Keyers:
Using the AD834 and AD811 by Brunner, Clarke, and Gilbert,
available on the Analog Devices, Inc. website at www.analog.com.
Figure 48. A Plot of the AC Response of the Video Keyer
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
FREQUENCY (Hz)
100k
10k
1M
10M
100M
R14 = 49.9
Ω
R14 = 137
Ω
GAIN
ADJACENT CHANNEL
FEEDTHROUGH
Rev. G | Page 17 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com