Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 8 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD811 Datasheet HTML 4Page - Analog Devices AD811 Datasheet HTML 5Page - Analog Devices AD811 Datasheet HTML 6Page - Analog Devices AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices AD811 Datasheet HTML 10Page - Analog Devices AD811 Datasheet HTML 11Page - Analog Devices AD811 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD811
Data Sheet
Figure 17. Input Noise vs. Frequency
Figure 18. −3 dB Bandwidth and Peaking vs. Value of RFB
Figure 19. Common-Mode Rejection Ratio vs. Frequency
Figure 20. Power Supply Rejection Ration vs. Frequency
Figure 21. Maximum Power Dissipation vs. Temperature for Plastic Packages
Figure 22. Large Signal Frequency Response
1
10
100
1
10
100
FREQUENCY (Hz)
100
10
1k
10k
100k
NONINVERTING CURRENT VS = ±5V TO ±15V
INVERTING CURRENT VS = ±5V TO ±15V
VOLTAGE NOISE VS = ±15V
VOLTAGE NOISE VS = ±5V
0
2
4
6
8
10
0
40
80
120
160
200
0.8
1.0
0.4
0.6
1.2
1.4
1.6
VALUE OF FEEDBACK RESISTOR [RFB] (kΩ)
PEAKING
BANDWIDTH
VS = ±15V
VO = 1V p-p
RL = 150Ω
GAIN = +2
30
40
50
60
70
80
90
100
110
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±15V
VS = ±5V
649
Ω
150
Ω
150
Ω
649
Ω
VIN
VOUT
5
10
20
30
40
50
60
70
80
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±15V
RF = 649Ω
AV = +2
VS = ±5V
CURVES ARE FOR WORST
CASE CONDITION WHERE
ONE SUPPLY IS VARIED
WHILE THE OTHER IS
HELD CONSTANT.
0.5
1.0
1.5
2.0
2.5
–50
–30
–40
–20 –10
0
20
60
10
30
40
50
70
80
90
AMBIENT TEMPERATURE (°C)
TJ MAX = –145°C
16-LEAD SOIC
8-LEAD SOIC
8-LEAD PDIP
0
5
10
15
20
25
FREQUENCY (Hz)
100k
10M
1M
100M
VS = ±15V
VS = ±5V
GAIN = +10
OUTPUT LEVEL
FOR 3% THD
Rev. G | Page 8 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com