Electronic Components Datasheet Search
  English  ▼

X  

CS4351 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4351
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4351 Datasheet HTML 22Page - Cirrus Logic CS4351 Datasheet HTML 23Page - Cirrus Logic CS4351 Datasheet HTML 24Page - Cirrus Logic CS4351 Datasheet HTML 25Page - Cirrus Logic CS4351 Datasheet HTML 26Page - Cirrus Logic CS4351 Datasheet HTML 27Page - Cirrus Logic CS4351 Datasheet HTML 28Page - Cirrus Logic CS4351 Datasheet HTML 29Page - Cirrus Logic CS4351 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
26
DS566F1
CS4351
6.3.4
ATAPI Channel Mixing and Muting (ATAPI3:0) Bits 3-0
Default = 1001 - AOUTA=aL, AOUTB=bR (Stereo)
Function:
The CS4351 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to
Table 8 and Figure 12 for additional information.
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTA
AOUTB
0
0
0
0
MUTE
MUTE
0
001
MUTE
bR
0
010
MUTE
bL
0
0
1
1
MUTE
b[(L+R)/2]
0
100
aR
MUTE
0
101
aR
bR
0
110
aR
bL
0
1
1
1
aR
b[(L+R)/2]
1
000
aL
MUTE
1
001
aL
bR
1
010
aL
bL
1
0
1
1
aL
b[(L+R)/2]
1
1
0
0
a[(L+R)/2]
MUTE
1
1
0
1
a[(L+R)/2]
bR
1
1
1
0
a[(L+R)/2]
bL
1
1
1
1
a[(L+R)/2]
b[(L+R)/2]
Table 8. ATAPI Decode
ΣΣ
A Channel
Volume
Control
AoutA
AoutB
Left Channel
Audio Data
Right Channel
Audio Data
B Channel
Volume
Control
MUTE
MUTE
Figure 12. ATAPI Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com