Electronic Components Datasheet Search
  English  ▼

X  

CS4351 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4351
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4351 Datasheet HTML 26Page - Cirrus Logic CS4351 Datasheet HTML 27Page - Cirrus Logic CS4351 Datasheet HTML 28Page - Cirrus Logic CS4351 Datasheet HTML 29Page - Cirrus Logic CS4351 Datasheet HTML 30Page - Cirrus Logic CS4351 Datasheet HTML 31Page - Cirrus Logic CS4351 Datasheet HTML 32Page - Cirrus Logic CS4351 Datasheet HTML 33Page - Cirrus Logic CS4351 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
30
DS566F1
CS4351
6.7.1
Power Down (PDN) Bit 7
Function:
When set to 1 (default), the entire device will enter a low-power state and the contents of the control reg-
isters will be retained. The power-down bit defaults to ‘1’ on power-up and must be disabled before normal
operation in Control Port mode can occur. This bit is ignored if CPEN is not set.
6.7.2
Control Port Enable (CPEN) Bit 6
Function:
This bit is set to 0 by default, allowing the device to power-up in Stand-Alone Mode. Control Port Mode
can be accessed by setting this bit to 1. This will allow operation of the device to be controlled by the reg-
isters and the pin definitions will conform to Control Port Mode.
6.7.3
Freeze Controls (Freeze) Bit 5
Function:
When set to 1, this function allows modifications to be made to the registers without the changes taking
effect until FREEZE is set back to 0. To make multiple changes in the Control Port registers take effect
simultaneously, enable the FREEZE bit, make all register changes, then disable the FREEZE bit.
When set to 0 (default), register changes take effect immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com