Electronic Components Datasheet Search
  English  ▼

X  

CS4351 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4351
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4351 Datasheet HTML 24Page - Cirrus Logic CS4351 Datasheet HTML 25Page - Cirrus Logic CS4351 Datasheet HTML 26Page - Cirrus Logic CS4351 Datasheet HTML 27Page - Cirrus Logic CS4351 Datasheet HTML 28Page - Cirrus Logic CS4351 Datasheet HTML 29Page - Cirrus Logic CS4351 Datasheet HTML 30Page - Cirrus Logic CS4351 Datasheet HTML 31Page - Cirrus Logic CS4351 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
28
DS566F1
CS4351
6.5.1
Digital Volume Control (VOL7:0) Bits 7-0
Default = 00h (0 dB)
Function:
The Digital Volume Control registers allow independent control of the signal levels in 1/2 dB increments
from 0 to -127.5 dB. Volume settings are decoded as shown in Table 9. The volume changes are imple-
mented as dictated by the Soft and Zero Cross bits in the Power and Muting Control register.
The actual attenuation is determined by taking the decimal value of the volume register and multiplying
by 6.02/12.
6.6
Ramp and Filter Control - Register 07h
6.6.1
Soft Ramp and Zero Cross Control (SZC1:0) Bits 7-6
Default = 10
Function:
Immediate Change
When Immediate Change is selected all level changes will take effect immediately in one step.
Zero Cross
Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will occur
on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a time-
out period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample rate) if the signal
does not encounter a zero crossing. The zero cross function is independently monitored and implemented
for each channel.
Soft Ramp PCM
Soft Ramp allows level changes, both muting and attenuation, to be implemented by incrementally ramp-
ing, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per 8 left/right clock periods.
Binary Code
Decimal Value
Volume Setting
00000000
0
0 dB
00000001
1
-0.5 dB
00000110
6
-3.0 dB
11111111
255
-127.5 dB
Table 9. Example Digital Volume Settings
76
543
21
0
SZC1
SZC0
RMP_UP
RMP_DN
Reserved
FILT_SEL
Reserved
Reserved
10
110
00
1
SZC1 SZC0
Description
0
0
Immediate Change
01
Zero Cross
10
Soft Ramp
1
1
Soft Ramp on Zero Crossings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com