Electronic Components Datasheet Search
  English  ▼

X  

AD52010 Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52010
Description  3W Stereo Filter-less Class-D Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52010 Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD52010 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ESMT
AD52010
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Nov. 2021
Revision: 1.2
9/15
Typical Characteristics (Gain= 2 V/V, unless otherwise noted)
THD+N vs. Frequency
THD+N vs. Frequency
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
PO=0.2W
PO=0.1W
VDD=2.5V
RL=8Ω
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
PO=250mW
RL=4Ω
VDD=3.6V
VDD=2.5V
VDD=5.0V
PSRR vs. Frequency
PSRR vs. Frequency
-120
-20
-110
-100
-90
-80
-70
-60
-50
-40
-30
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
VDD=3.6V
VDD=5.0V
RL=8Ω
Input AC GND
-120
-20
-110
-100
-90
-80
-70
-60
-50
-40
-30
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
VDD=3.6V
VDD=5.0V
RL=4Ω
Input AC GND
CMRR vs. Frequency
CMRR vs. Frequency
-120
-20
-110
-100
-90
-80
-70
-60
-50
-40
-30
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
VDD=3.6V
RL=8Ω
-120
-20
-110
-100
-90
-80
-70
-60
-50
-40
-30
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
VDD=3.6V
RL=4Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com