Electronic Components Datasheet Search
  English  ▼

X  

AD52010 Datasheet(PDF) 13 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52010
Description  3W Stereo Filter-less Class-D Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52010 Datasheet(HTML) 13 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD52010 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ESMT
AD52010
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Nov. 2021
Revision: 1.2
13/15
Package Outline Dimensions
TSSOP-14(E) (173 mil)
C
DETAIL A
DETAIL A
L
TOP VIEW
1
7
8
14
E
D
E2
7
1
14
8
D1
BOTTOM VIEW
b
e
SIDE VIEW
A1
A
E1
Min
Max
A
--
1.20
Min
Max
A1
0.05
0.15
D1
1.70
3.25
b
0.19
0.30
E2
1.50
3.15
D
4.90
5.10
E
4.30
4.50
E1
e
L
0.5
0.75
Symbol
Dimension in mm
6.40 BSC
0.65 BSC
Dimension in mm
Exposed pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com