Electronic Components Datasheet Search
  English  ▼

X  

AD52010 Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52010
Description  3W Stereo Filter-less Class-D Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52010 Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  AD52010 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ESMT
AD52010
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Nov. 2021
Revision: 1.2
2/15
Typical Application Circuit
AD52010
Filterless Class-D
VDDL
INL+
INL-
OUTPL
OUTNL
SDN
Rin
Cin
VSSL/VSSR
CS2
ON
OFF
150kΩ
1uF
0.1uF
Rin
Cin
150kΩ
1uF
CS1
2.2uF
OUTPR
OUTNR
INR+
INR-
Rin
Cin
150kΩ
1uF
Rin
Cin
150kΩ
1uF
VDDR
CS2
0.1uF
CS1
2.2uF
Note. Gain=2 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com