Electronic Components Datasheet Search
  English  ▼

X  

AD52010 Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52010
Description  3W Stereo Filter-less Class-D Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52010 Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  AD52010 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ESMT
AD52010
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Nov. 2021
Revision: 1.2
5/15
General Electrical Characteristics (TA=25℃)
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Iq
Operating current
VDD=SDN=5V,
Output switching
6
mA
IPD
Supply current during
power-down mode
VDD=5.5V;
SDN=0V
<1

Voffset
Output offset voltage
Input ac grounded,
VDD=2.5V ~ 5.5V
< 1
5
mV
Tsd
Junction temperature for
driver shutdown
165
oC
Thys
Temperature hysteresis for
recovery from shutdown
20
oC
fsw
Switching rate of
loudspeakers driver
250
300
350
kHz
AV
Gain
in
R
k
270
in
R
k
300
in
R
k
330
V/V
Ton
Turn-on time
VDD = 3.6 V
1.7
4
msec
RSC
Loudspeaker short-circuit
detect resistance
VDD = 5.0 V
2.8
3.2
Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com