Electronic Components Datasheet Search
  English  ▼

X  

AD52010 Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52010
Description  3W Stereo Filter-less Class-D Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52010 Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  AD52010 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD52010 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ESMT
AD52010
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Nov. 2021
Revision: 1.2
3/15
Pin Assignments
E-TSSOP-14
OUTPL
VSSL
INL+
VDDL
SDN
INL-
OUTPR
VSSR
INR+
VDDR
NC
INR-
AD52010
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
OUTNR
OUTNL
Order information
Product ID
Package
Packing
Comments
AD52010-QG14NRR
E-TSSOP-14L
Tape/Reel
2.5K Units/Reel
Green
AD52010-QG14NRT
E-TSSOP-14L
96 Units / Tube
100 Tubes / Small Box
Green
Pin Description
NAME
PIN
IO TYPE
DESCRIPTION
E-TSSOP-14
OUTPL
1
O
Positive output for left channel.
VSSL
2
G
Power ground for left channel.
OUTNL
3
O
Negative output for left channel.
VDDL
4
P
Power supply for left channel.
INL+
5
I
Positive differential input for left channel.
INL-
6
I
Negative differential input for left channel.
SDN
7
I
Shutdown AD52010 (Low active logic).
NC
8
NC
No internal connected.
INR-
9
I
Negative differential input for right channel.
INR+
10
I
Positive differential input for right channel.
VDDR
11
P
Power supply for right channel.
OUTNR
12
O
Negative output for right channel.
VSSR
13
G
Power ground for right channel.
OUTPR
14
O
Positive output for right channel.
Thermal
pad
N/A
G
To connect the package exposed pad to PCB for thermal
power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com