Electronic Components Datasheet Search
  English  ▼

X  

CS8416 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 2Page - Cirrus Logic CS8416_07 Datasheet HTML 3Page - Cirrus Logic CS8416_07 Datasheet HTML 4Page - Cirrus Logic CS8416_07 Datasheet HTML 5Page - Cirrus Logic CS8416_07 Datasheet HTML 6Page - Cirrus Logic CS8416_07 Datasheet HTML 7Page - Cirrus Logic CS8416_07 Datasheet HTML 8Page - Cirrus Logic CS8416_07 Datasheet HTML 9Page - Cirrus Logic CS8416_07 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
6
DS578F3
CS8416
1. CHARACTERISTICS AND SPECIFICATIONS
All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25°C.
SPECIFIED OPERATING CONDITIONS
(AGND, DGND = 0 V, all voltages with respect to 0 V)
ABSOLUTE MAXIMUM RATINGS
(AGND, DGND = 0 V; all voltages with respect to 0 V. Operation beyond these limits may result in permanent dam-
age to the device. Normal operation is not guaranteed at these extremes.)
Notes:
1. Transient currents of up to 100 mA will not cause SCR latch-up.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VA
VD
VL
3.13
3.13
3.13
3.3
3.3
3.3 or 5.0
3.46
3.46
5.25
V
V
V
Ambient Operating Temperature:
Commercial Grade
Automotive Grade
TA
-10
-40
-
-
+70
+85
°C
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VA, VD,VL
-
6.0
V
Input Current, Any Pin Except Supplies
(Note 1)
Iin
-±10
mA
Input Voltage
Vin
-0.3
(VL) + 0.3
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com