Electronic Components Datasheet Search
  English  ▼

X  

CS8416 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 36Page - Cirrus Logic CS8416_07 Datasheet HTML 37Page - Cirrus Logic CS8416_07 Datasheet HTML 38Page - Cirrus Logic CS8416_07 Datasheet HTML 39Page - Cirrus Logic CS8416_07 Datasheet HTML 40Page - Cirrus Logic CS8416_07 Datasheet HTML 41Page - Cirrus Logic CS8416_07 Datasheet HTML 42Page - Cirrus Logic CS8416_07 Datasheet HTML 43Page - Cirrus Logic CS8416_07 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
DS578F3
CS8416
TX_SEL[2:0]
– Selects RXP0 to RXP7 as the input for GPO TX source
Default =’001’
000 – RXP0
001 – RXP1, etc
14.7 Serial Audio Data Format (05h)
SOMS
- Master/Slave Mode Selector
Default = ‘0’
0 - Serial audio output port is in slave mode. OSCLK and OLRCK are inputs.
1 - Serial audio output port is in master mode. OSCLK and OLRCK are outputs.
SOSF
- OSCLK frequency (for master mode)
Default = ‘0’
0 - OSCLK output frequency is 64*Fs.
1 - OSCLK output frequency is 128*Fs.
SORES[1:0]
- Resolution of the output data on SDOUT
Default = ‘00’
00 - 24-bit resolution.
01 - 20-bit resolution.
10 - 16-bit resolution.
11 - Direct copy of the received NRZ data from the AES3 receiver including C, U, and V bits. The time slot
occupied by the Z bit is used to indicate the location of the block start. This setting forces the SOJUST bit
to be “0”. When using this setting, the de-emphasis filter must be off.
SOJUST
- Justification of SDOUT data relative to OLRCK
Default = ‘0’
0 - Left-Justified.
1 - Right-Justified (master mode only and SORES
≠11).
SODEL
- Delay of SDOUT data relative to OLRCK, for Left-Justified data formats
(This control is only valid in Left-Justified Mode)
Default = ‘0’
0 - MSB of SDOUT data occurs in the first OSCLK period after the OLRCK edge.
1 - MSB of SDOUT data occurs in the second OSCLK period after the OLRCK edge.
SOSPOL
- OSCLK clock polarity
Default = ‘0’
0 - SDOUT is sampled on rising edges of OSCLK.
1 - SDOUT is sampled on falling edges of OSCLK.
76543210
SOMS
SOSF
SORES1
SORES0
SOJUST
SODEL
SOSPOL
SOLRPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com