Electronic Components Datasheet Search
  English  ▼

X  

CS8416 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 21Page - Cirrus Logic CS8416_07 Datasheet HTML 22Page - Cirrus Logic CS8416_07 Datasheet HTML 23Page - Cirrus Logic CS8416_07 Datasheet HTML 24Page - Cirrus Logic CS8416_07 Datasheet HTML 25Page - Cirrus Logic CS8416_07 Datasheet HTML 26Page - Cirrus Logic CS8416_07 Datasheet HTML 27Page - Cirrus Logic CS8416_07 Datasheet HTML 28Page - Cirrus Logic CS8416_07 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
DS578F3
25
CS8416
7.1
Slip/Repeat Behavior
When using the serial audio output port in slave mode with an OLRCK input that is asynchronous to the
incoming AES3 data, the interrupt bit OSLIP (bit 5 in the Interrupt 1 Status register, 0Dh) is provided to in-
dicate when repeated or dropped samples occur. Refer to Figure 8 for the AES3 data format diagram.
When the serial output port is configured as slave, depending on the relative frequency of OLRCK to the
input AES3 data (Z/X) preamble frequency, the data will be slipped or repeated at the output of the CS8416.
After a fixed delay from the Z/X preamble (a few periods of the internal clock, which is running at 256Fs),
the circuit will look back in time until the previous Z/X preamble and check which of the following conditions
occurred:
1. If during that time, the internal data buffer was not updated, a slip has occurred. Data from the previous
frame will be output and OSLIP will be set to 1. Due to the OSLIP bit being “sticky,” it will remain 1 until
the register is read. It will then be reset until another slip/repeat condition occurs.
2. If during that time the internal data buffer did not update between two positive or negative edges (de-
pending on OLRPOL) of OLRCK, a repeat has occurred. In this case, the buffer data was updated twice,
so the part has lost one frame of data. This event will also trigger OSLIP to be set to 1. Due to the OSLIP
bit being “sticky,” it will remain 1 until the register is read. It will then be reset until another slip/repeat
condition occurs.
3. If during that time, it did see a positive edge on OLRCK (or negative edge if the SOLRPOL is set to 1)
no slip or repeat has happened. Due to the OSLIP bit being “sticky,” it will remain in its previous state
until either the register is read or a slip/repeat condition occurs.
If the user reads OSLIP as soon as the event triggers, over a long period of time the rate of occurring INT
will be equal to the difference in frequency between the input AES data and the slave serial output LRCK.
The CS8416 uses a hysteresis window when a slip/repeat event occurs. The slip/repeat is triggered when
an edge of OLRCK passes a window size from the beginning of the Z/X preamble. Without the hysteresis
window, jitter on OLRCK with a frequency very close to Fs could slip back and forth, causing multiple slip/re-
peat events. The CS8416 uses a hysteresis window to ensure that only one slip/repeat happens even with
jitter on OLRCK
Figure 8. AES3 Data Format
X
Channel A
Data
Y
Channel B
Data
Z
Y
X
Y
Channel A
Data
Channel B
Data
Channel A
Data
Channel B
Data
Frame 191
Frame 0
Frame 1
Preambles
OLRCK (in slave mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com