Electronic Components Datasheet Search
  English  ▼

X  

CS8416 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 20Page - Cirrus Logic CS8416_07 Datasheet HTML 21Page - Cirrus Logic CS8416_07 Datasheet HTML 22Page - Cirrus Logic CS8416_07 Datasheet HTML 23Page - Cirrus Logic CS8416_07 Datasheet HTML 24Page - Cirrus Logic CS8416_07 Datasheet HTML 25Page - Cirrus Logic CS8416_07 Datasheet HTML 26Page - Cirrus Logic CS8416_07 Datasheet HTML 27Page - Cirrus Logic CS8416_07 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
24
DS578F3
CS8416
clock all the data bits. When in slave mode, the serial audio output port cannot be set for right-justified data. The
CS8416 allows immediate mute of the serial audio output port audio data by the MUTESAO bit of Control Register 1.
For more information about serial audio formats, refer to the Cirrus Logic applications note AN282, “The 2-Channel
Serial Audio Interface: A Tutorial”, available at www.cirrus.com.
Figure 7. Serial Audio Output Example Formats
X = don’t care to match format, but does need to be set to the desired setting
* See Serial Output Data Format Register Bit Descriptions for an explanation of the meaning of each bit
SOMS*
SOSF*
SORES[1:0]* SOJUST*
SODEL*
SOSPOL* SOLRPOL*
Left-Justified
X
X
XX
0
0
0
0
I²S
X
X
XX
0
1
0
1
Right-Justified
1
X
XX
1
0
0
0
AES3 Direct
X
X
11
0
0
0
0
OLRCK
OSCLK
SDOUT
Channel A
Channel B
Left
Justified
(Out)
OLRCK
OSCLK
Channel A
SDOUT
Channel B
I²S
(Out)
OLRCK
OSCLK
Channel A
Channel B
MSB
SDOUT
MSB
LSB
LSB
MSB Extended
MSB Extended
Right
Justified
(Out)
OLRCK
OSCLK
Channel A
Channel B
MSB
SDOUT
LSB
LSB
Channel A
Channel B
LSB
LSB
MSB
MSB
MSB
AES3
Direct
(Out)
MSB
MSB
MSB
LSB
LSB
MSB
LSB
MSB
LSB
MSB
C
U
V
Z
C
U
V
C
U
V
C
U
V
Frame 191
Frame 0
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com