Electronic Components Datasheet Search
  English  ▼

X  

CS8416 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 4Page - Cirrus Logic CS8416_07 Datasheet HTML 5Page - Cirrus Logic CS8416_07 Datasheet HTML 6Page - Cirrus Logic CS8416_07 Datasheet HTML 7Page - Cirrus Logic CS8416_07 Datasheet HTML 8Page - Cirrus Logic CS8416_07 Datasheet HTML 9Page - Cirrus Logic CS8416_07 Datasheet HTML 10Page - Cirrus Logic CS8416_07 Datasheet HTML 11Page - Cirrus Logic CS8416_07 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
DS578F3
CS8416
SWITCHING CHARACTERISTICS
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
Notes:
5. Typical RMS cycle-to-cycle jitter.
6. Duty cycle when clock is recovered from biphase encoded input.
7. Duty cycle when OMCK is switched over for output on RMCK.
Parameter
Symbol
Min
Typ
Max
Units
RST Pin Low Pulse Width
200
-
-
μS
PLL Clock Recovery Sample Rate Range
30
-
200
kHz
RMCK Output Jitter
(Note 5)
-200
-
ps RMS
RMCK Output Duty-Cycle
(Note 6)
(Note 7)
45
50
50
55
55
65
%
%
RMCK/OMCK Maximum Frequency
-
-
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com