Electronic Components Datasheet Search
  English  ▼

X  

CS42448 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 54Page - Cirrus Logic CS42448 Datasheet HTML 55Page - Cirrus Logic CS42448 Datasheet HTML 56Page - Cirrus Logic CS42448 Datasheet HTML 57Page - Cirrus Logic CS42448 Datasheet HTML 58Page - Cirrus Logic CS42448 Datasheet HTML 59Page - Cirrus Logic CS42448 Datasheet HTML 60Page - Cirrus Logic CS42448 Datasheet HTML 61Page - Cirrus Logic CS42448 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
58
DS648F2
CS42448
‘
-0.10
-0 .0 8
-0 .0 6
-0 .0 4
-0 .0 2
0.0 0
0.0 2
0.0 4
0.0 6
0.0 8
0.10
0.00 0.05
0 .10
0.15
0 .2 0 0 .2 5 0 .3 0 0 .3 5 0.40 0.45 0.50
Fre que ncy (norm alize d to Fs )
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.46
0.47
0.48
0.49
0.50
0.51
0.52
Frequency (normalized to Fs)
Figure 38. DSM Transition Band (Detail)
Figure 39. DSM Passband Ripple
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.0
0 .1
0.2
0 .3
0.4
0 .5
0 .6
0 .7
0.8
0 .9
1.0
Fre que ncy (norm alize d to Fs )
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85
Fre quency (norm alize d to Fs )
Figure 40. QSM Stopband Rejection
Figure 41. QSM Transition Band
-0 .10
-0 .0 8
-0 .0 6
-0 .0 4
-0 .0 2
0.0 0
0.0 2
0.0 4
0.0 6
0.0 8
0.10
0 .00 0.03 0 .05 0.0 8 0 .10 0.13 0 .15 0.18 0.20 0.2 3 0.25 0 .2 8
Fr e que ncy (norm alize d to Fs )
Figure 42. QSM Transition Band (Detail)
Figure 43. QSM Passband Ripple
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Frequency (normalized to Fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com