Electronic Components Datasheet Search
  English  ▼

X  

ICS952906A Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS952906A
Description  Programmable Timing Control Hub for Next Gen P4??processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952906A Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS952906A Datasheet HTML 7Page - Integrated Circuit Systems ICS952906A Datasheet HTML 8Page - Integrated Circuit Systems ICS952906A Datasheet HTML 9Page - Integrated Circuit Systems ICS952906A Datasheet HTML 10Page - Integrated Circuit Systems ICS952906A Datasheet HTML 11Page - Integrated Circuit Systems ICS952906A Datasheet HTML 12Page - Integrated Circuit Systems ICS952906A Datasheet HTML 13Page - Integrated Circuit Systems ICS952906A Datasheet HTML 14Page - Integrated Circuit Systems ICS952906A Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
I
2C Table: Vendor & Revision ID Register
Control
Function
Bit 7
RID3
R
X
Bit 6
RID2
R
X
Bit 5
RID1
R
X
Bit 4
RID0
R
X
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
I
2C Table: Byte Count Register
Control
Function
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
1
I
2C Table: Watchdog Timer Register
Control
Function
Bit 7
WD7
WD Timer Bit 7
RW
0
Bit 6
WD6
WD Timer Bit 6
RW
0
Bit 5
WD5
WD Timer Bit 5
RW
0
Bit 4
WD4
WD Timer Bit 4
RW
0
Bit 3
WD3
WD Timer Bit 3
RW
1
Bit 2
WD2
WD Timer Bit 2
RW
0
Bit 1
WD1
WD Timer Bit 1
RW
1
Bit 0
WD0
WD Timer Bit 0
RW
1
I
2C Table: VCO Control Select Bit & WD Timer Control Register
Control
Function
Bit 7
M/NEN
M/N Programming
Enable
RW
0
Bit 6
WDEN
Watchdog Enable
R
0
Bit 5
WDFSEN
WD Safe Frequency
Mode
RW
0
Bit 4
WD SF4
RW
0
Bit 3
WD SF3
RW
0
Bit 2
WD SF2
RW
0
Bit 1
WD SF1
RW
0
Bit 0
WD SF0
RW
0
--
1
Writing to this register will configure how
many bytes will be read back, default is
0F = 15 bytes.
0
--
--
--
--
1
--
--
--
PWD
01
Disable
Enable
01
Byte 9
Pin #
Name
Type
Disable
Enable
Latched FS/Byte0
These bits represent X*290ms the
watchdog timer waits before it goes to
alarm mode. Default is 11 x 293ms =
3.2s.
Writing to these bit will configure the safe
frequency as Byte0 bit (4:0).
WD B10 b(4:0)
-
Watch Dog Safe Freq
Programming bits
-
-
-
-
-
-
PWD
-
Byte 10
Pin #
Name
Type
-
-
-
-
-
PWD
-
Byte Count
Programming b(7:0)
-
-
-
-
-
-
-
Type
-
Type
-
VENDOR ID
-
-
Name
Byte 8
Pin #
PWD
-
REVISION ID
-
-
-
Byte 7
Pin #
Name
0
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com