Electronic Components Datasheet Search
  English  ▼

X  

ICS952906A Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS952906A
Description  Programmable Timing Control Hub for Next Gen P4??processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952906A Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS952906A Datasheet HTML 11Page - Integrated Circuit Systems ICS952906A Datasheet HTML 12Page - Integrated Circuit Systems ICS952906A Datasheet HTML 13Page - Integrated Circuit Systems ICS952906A Datasheet HTML 14Page - Integrated Circuit Systems ICS952906A Datasheet HTML 15Page - Integrated Circuit Systems ICS952906A Datasheet HTML 16Page - Integrated Circuit Systems ICS952906A Datasheet HTML 17Page - Integrated Circuit Systems ICS952906A Datasheet HTML 18Page - Integrated Circuit Systems ICS952906A Datasheet HTML 19Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
I
2C Table: Output Control Register
Control
Function
Bit 7
48MHz_0
Output Control
RW
1
Bit 6
24_48MHz
Output Control
RW
1
Bit 5
REF1
Output Control
RW
1
Bit 4
REF0
Output Control
RW
1
Bit 3
REF2
Output Control
RW
1
Bit 2
48MHz_1
Output Control
RW
1
Bit 1
Reserved
Reserved
RW
0
Bit 0
Reserved
Reserved
RW
0
I
2C Table: Read Back Register
Control
Function
Bit 7
WDHRB
WD Hard Alarm Status
Read back
RX
Bit 6
WDSRB
WD Soft Alarm Status
Read back
RX
Bit 5
Reserved
Reserved
R
0
Bit 4
FS4RB
FS4 Read back
R
X
Bit 3
FS3RB
FS3 Read back
R
X
Bit 2
FS2RB
FS2 Read back
R
X
Bit 1
FS1RB
FS1 Read back
R
X
Bit 0
FS0RB
FS0 Read back
R
X
--
--
--
--
--
--
--
--
--
Enable
Disable
Enable
--
Disable
Enable
Disable
Enable
01
Type
PWD
01
Disable
Enable
Disable
Enable
Disable
PWD
Type
Byte 24
-
-
-
-
Pin #
-
Byte 23
Pin #
-
Name
Name
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com