Electronic Components Datasheet Search
  English  ▼

X  

ICS952906A Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS952906A
Description  Programmable Timing Control Hub for Next Gen P4??processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952906A Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS952906A Datasheet HTML 1Page - Integrated Circuit Systems ICS952906A Datasheet HTML 2Page - Integrated Circuit Systems ICS952906A Datasheet HTML 3Page - Integrated Circuit Systems ICS952906A Datasheet HTML 4Page - Integrated Circuit Systems ICS952906A Datasheet HTML 5Page - Integrated Circuit Systems ICS952906A Datasheet HTML 6Page - Integrated Circuit Systems ICS952906A Datasheet HTML 7Page - Integrated Circuit Systems ICS952906A Datasheet HTML 8Page - Integrated Circuit Systems ICS952906A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
Table1: QuadRom Frequency Selection Table
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
Spread
FS4FS3 FS2FS1 FS0
MHz
MHz
MHz
%
0
0
0
0
0
0
0
100.00
66.67
33.33
0 to -0.5% Down
0
0
0
0
0
0
1
200.00
66.67
33.33
0 to -0.5% Down
0
0
0
0
0
1
0
133.33
66.67
33.33
0 to -0.5% Down
0
0
0
0
0
1
1
166.67
66.67
33.33
0 to -0.5% Down
0
0
0
0
1
0
0
200.00
66.67
33.33
0 to -0.5% Down
0
0
0
0
1
0
1
400.00
66.67
33.33
0 to -0.5% Down
0
0
0
0
1
1
0
266.67
66.67
33.33
0 to -0.5% Down
000
011
1
333.33
66.67
33.33
0 to -0.5% Down
0
0
0
1
0
0
0
100.99
67.33
33.66
0.25% Center
0
0
0
1
0
0
1
201.98
67.33
33.66
0.25% Center
0
0
0
1
0
1
0
134.65
67.33
33.66
0.25% Center
000
101
1
168.31
67.32
33.66
0.25% Center
0
0
0
1
1
0
0
115.00
76.67
38.33
No Spread
0
0
0
1
1
0
1
230.00
76.67
38.33
No Spread
0
0
0
1
1
1
0
153.33
76.66
38.33
No Spread
000
111
1
191.67
76.67
38.33
No Spread
0
0
1
0
0
0
0
100.00
66.66
33.33
0.25% Center
0
0
1
0
0
0
1
200.00
66.66
33.33
0.25% Center
0
0
1
0
0
1
0
133.33
66.66
33.33
0.25% Center
0
0
1
0
0
1
1
166.67
71.43
35.71
0.25% Center
0
0
1
0
1
0
0
200.00
66.66
33.33
0.25% Center
0
0
1
0
1
0
1
400.00
66.66
33.33
0.25% Center
0
0
1
0
1
1
0
266.67
66.66
33.33
0.25% Center
001
011
1
333.33
66.66
33.33
0.25% Center
0
0
1
1
0
0
0
105.00
69.99
35.00
No Spread
0
0
1
1
0
0
1
210.00
69.99
35.00
No Spread
0
0
1
1
0
1
0
140.00
69.99
35.00
No Spread
001
101
1
175.00
69.99
35.00
No Spread
0
0
1
1
1
0
0
110.00
73.33
36.66
No Spread
0
0
1
1
1
0
1
220.00
73.33
36.66
No Spread
0
0
1
1
1
1
0
146.66
73.33
36.66
No Spread
001
111
1
183.34
73.33
36.66
No Spread
Bit6 Bit5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com