Electronic Components Datasheet Search
  English  ▼

X  

ICS952906A Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS952906A
Description  Programmable Timing Control Hub for Next Gen P4??processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952906A Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS952906A Datasheet HTML 4Page - Integrated Circuit Systems ICS952906A Datasheet HTML 5Page - Integrated Circuit Systems ICS952906A Datasheet HTML 6Page - Integrated Circuit Systems ICS952906A Datasheet HTML 7Page - Integrated Circuit Systems ICS952906A Datasheet HTML 8Page - Integrated Circuit Systems ICS952906A Datasheet HTML 9Page - Integrated Circuit Systems ICS952906A Datasheet HTML 10Page - Integrated Circuit Systems ICS952906A Datasheet HTML 11Page - Integrated Circuit Systems ICS952906A Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
Table1: QuadRom Frequency Selection Table (Continued)
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
Spread
FS4FS3 FS2FS1 FS0
MHz
MHz
MHz
%
1
1
0
0
0
0
0
115.00
76.66
38.33
No Spread
1
1
0
0
0
0
1
230.00
76.66
38.33
No Spread
1
1
0
0
0
1
0
153.33
76.66
38.33
No Spread
1
1
0
0
0
1
1
191.67
76.66
38.33
No Spread
1
1
0
0
1
0
0
255.55
76.66
38.33
No Spread
1
1
0
0
1
0
1
460.00
76.66
38.33
No Spread
1
1
0
0
1
1
0
306.67
76.66
38.33
No Spread
110
011
1
383.33
76.66
38.33
No Spread
1
1
0
1
0
0
0
115.00
79.99
40.00
No Spread
1
1
0
1
0
0
1
230.00
79.99
40.00
No Spread
1
1
0
1
0
1
0
153.33
79.99
40.00
No Spread
1
1
0
1
0
1
1
191.67
79.99
40.00
No Spread
1
1
0
1
1
0
0
255.55
79.99
40.00
No Spread
1
1
0
1
1
0
1
460.00
79.99
40.00
No Spread
1
1
0
1
1
1
0
306.67
79.99
40.00
No Spread
110
111
1
383.33
79.99
40.00
No Spread
1
1
1
0
0
0
0
78.00
51.99
26.00
No Spread
1
1
1
0
0
0
1
156.00
51.99
26.00
No Spread
1
1
1
0
0
1
0
104.00
51.99
26.00
No Spread
1
1
1
0
0
1
1
130.00
51.99
26.00
No Spread
1
1
1
0
1
0
0
173.33
51.99
26.00
No Spread
1
1
1
0
1
0
1
312.00
51.99
26.00
No Spread
1
1
1
0
1
1
0
208.00
51.99
26.00
No Spread
111
011
1
260.00
51.99
26.00
No Spread
1
1
1
1
0
0
0
75.00
50.00
25.00
No Spread
1
1
1
1
0
0
1
150.00
50.00
25.00
No Spread
1
1
1
1
0
1
0
100.00
50.00
25.00
No Spread
1
1
1
1
0
1
1
125.00
50.00
25.00
No Spread
1
1
1
1
1
0
0
166.67
50.00
25.00
No Spread
1
1
1
1
1
0
1
300.00
50.00
25.00
No Spread
1
1
1
1
1
1
0
200.00
50.00
25.00
No Spread
111
111
1
250.00
50.00
25.00
No Spread
Bit6 Bit5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com