Electronic Components Datasheet Search
  English  ▼

X  

ICS952906A Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952906A
Description  Programmable Timing Control Hub for Next Gen P4??processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952906A Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952906A Datasheet HTML 1Page - Integrated Circuit Systems ICS952906A Datasheet HTML 2Page - Integrated Circuit Systems ICS952906A Datasheet HTML 3Page - Integrated Circuit Systems ICS952906A Datasheet HTML 4Page - Integrated Circuit Systems ICS952906A Datasheet HTML 5Page - Integrated Circuit Systems ICS952906A Datasheet HTML 6Page - Integrated Circuit Systems ICS952906A Datasheet HTML 7Page - Integrated Circuit Systems ICS952906A Datasheet HTML 8Page - Integrated Circuit Systems ICS952906A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
Recommended Application:
VIA VN800/CN700/P4M800 style chipset for P4 processor
Output Features:
3 - 0.7V current-mode differential CPU pairs
10 - PCI, 3 free running, 33MHz
2 - REF, 14.318MHz
3 - 3V66, 66.66MHz
1 - 48MHz
1 - 24/48MHz
2 - 25MHz @ 2.5V
Key Specifications:
CPU/SRC outputs cycle-cycle jitter < 125ps
3V66 outputs cycle-cycle jitter < 250ps
PCI outputs cycle-cycle jitter < 250ps
CPU - AGP skew < +/- 350ps
AGP-PCI skew between 1~3.5ns
Programmable Timing Control Hub™ for Next Gen P4™ processor
Features/Benefits:
Programmable output frequency.
Programmable asynchronous 3V66&PCI frequency.
Programmable output divider ratios.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology to reset system if system
malfunctions.
Programmable watch dog safe frequency.
Support I2C Index read/write and block read/write
operations.
Uses external 14.318MHz reference input.
48-pin SSOP & TSSOP
*FS1/REF0
1
48 VDDA
**FS0/REF1
2
47 GND
VDDREF
3
46 IREF
X1
4
45 CPUCLKT_ITP/(PCI_STOP#)
X2
5
44 CPUCLKC_ITP/(CPU_STOP#)
GND
6
43 GND
**FS2/PCICLK_F0
7
42 CPUCLKT1
**FS4/PCICLK_F1
8
41 CPUCLKC1
PCICLK_F2
9
40 VDDCPU
VDDPCI 10
39 CPUCLKT0
GND 11
38 CPUCLKC0
**MODE/PCICLK0 12
37 GND
PCICLK1 13
36 25Mhz_0
PCICLK2 14
35 25Mhz_1
PCICLK3 15
34 VDD2.5
PCICLK4 16
33 VttPWR_GD/PD#
VDDPCI 17
32 SDATA
GND 18
31 SCLK
PCICLK5 19
30 Reset#
PCICLK6 20
29 3V66_0
**FS3/48MHz
21
28 GND
**Sel24_48#/24_48MHz
22
27 VDD3V66
GND 23
26 3V66_1
VDD48 24
25 3V66_2
* This pin have 120K pull-up to VDD
** This pin have 120K pull-down to GND
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
FS4FS3 FS2FS1 FS0
MHz
MHz
MHz
000
00
100.00
66.67
33.33
000
01
200.00
66.67
33.33
000
10
133.33
66.67
33.33
000
11
166.67
66.67
33.33
001
00
200.00
66.67
33.33
001
01
400.00
66.67
33.33
001
10
266.67
66.67
33.33
001
11
333.33
66.67
33.33
010
00
100.99
67.33
33.66
010
01
201.98
67.33
33.66
010
10
134.65
67.33
33.66
010
11
168.31
67.32
33.66
01
1
00
115.00
76.67
38.33
011
01
230.00
76.67
38.33
011
10
153.33
76.66
38.33
011
11
191.67
76.67
38.33
1
00
00
100.00
66.66
33.33
100
01
200.00
66.66
33.33
100
10
133.33
66.66
33.33
100
11
166.67
71.43
35.71
1
01
00
200.00
66.66
33.33
101
01
400.00
66.66
33.33
101
10
266.67
66.66
33.33
101
11
333.33
66.66
33.33
110
00
105.00
69.99
35.00
110
01
210.00
69.99
35.00
110
10
140.00
69.99
35.00
110
11
175.00
69.99
35.00
11
1
00
110.00
73.33
36.66
111
01
220.00
73.33
36.66
111
10
146.66
73.33
36.66
111
11
183.34
73.33
36.66
Functionality
Pin Configuration


Similar Part No. - ICS952906A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906AGLFT RENESAS-ICS952906AGLFT Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results

Similar Description - ICS952906A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952601 ICST-ICS952601 Datasheet
181Kb / 24P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS952621 ICST-ICS952621 Datasheet
198Kb / 15P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119 ICST-ICS954119 Datasheet
217Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
revision.
ICS952606 ICST-ICS952606 Datasheet
162Kb / 20P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
logo
Integrated Device Techn...
954119DFLF IDT-954119DFLF Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
logo
Integrated Circuit Syst...
953002CFLF ICST-953002CFLF Datasheet
285Kb / 35P
Programmable Timing Control Hub for Next Gen P4 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com