Electronic Components Datasheet Search
  English  ▼

X  

STAC9227 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # STAC9227
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9227 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button STAC9227 Datasheet HTML 24Page - Integrated Device Technology STAC9227 Datasheet HTML 25Page - Integrated Device Technology STAC9227 Datasheet HTML 26Page - Integrated Device Technology STAC9227 Datasheet HTML 27Page - Integrated Device Technology STAC9227 Datasheet HTML 28Page - Integrated Device Technology STAC9227 Datasheet HTML 29Page - Integrated Device Technology STAC9227 Datasheet HTML 30Page - Integrated Device Technology STAC9227 Datasheet HTML 31Page - Integrated Device Technology STAC9227 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 237 page
background image
STAC9227/9228/9229/9230
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
28
STAC9227/9228/9229/9230V 1.0 MARCH 2007
IDT CONFIDENTIAL
3.8.
Headphone Drivers (Restrictions)
Three Headphones should not be used simultaneously. Performance degradation will occur when
using two Headphones simultaneously. See electrical specifications for details.
3.9.
Device IDs
Note: SVIDs, SSIDs and Assembly IDs are read/writable by BIOS. All other ID fields are
read-only.
Note: MS refers to Master Studio and HT/SR refers to Home Theater/Sound Room
Table 4. Device IDs
Part Number
DAC
SNR
dB
VID
DID
Rev
ID
Step
ID
SSID*
Assm
ID*
Dolby
Dig
Mic
ADAT
Volume or
DMIC
STAC9230X
105 8384h 7612h 01h
01h
000001h
00h
No
Yes
Yes
Selectable
STAC9230D
105 8384h 7613h 01h
01h
000001h
00h
MS
Yes
Yes
Selectable
STAC9229X
95
8384h 7614h 01h
01h
000001h
00h
No
Yes
Yes
Selectable
STAC9229D
95
8384h 7615h 01h
01h
000001h
00h
HT/SR
Yes
Yes
Selectable
STAC9228X
95
8384h 7616h 01h
01h
000001h
00h
No
Yes
No
Selectable
STAC9228D
95
8384h 7617h 01h
01h
000001h
00h
HT/SR
Yes
No
Selectable
STAC9227X
95
8384h 7618h 01h
01h
000001h
00h
No
No
No
Selectable
STAC9227D
95
8384h 7619h 01h
01h
000001h
00h
HT/SR
No
No
Selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com