Electronic Components Datasheet Search
  English  ▼

X  

STAC9227 Datasheet(PDF) 32 Page - Integrated Device Technology

Part # STAC9227
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9227 Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button STAC9227 Datasheet HTML 28Page - Integrated Device Technology STAC9227 Datasheet HTML 29Page - Integrated Device Technology STAC9227 Datasheet HTML 30Page - Integrated Device Technology STAC9227 Datasheet HTML 31Page - Integrated Device Technology STAC9227 Datasheet HTML 32Page - Integrated Device Technology STAC9227 Datasheet HTML 33Page - Integrated Device Technology STAC9227 Datasheet HTML 34Page - Integrated Device Technology STAC9227 Datasheet HTML 35Page - Integrated Device Technology STAC9227 Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 237 page
background image
STAC9227/9228/9229/9230
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
32
STAC9227/9228/9229/9230V 1.0 MARCH 2007
IDT CONFIDENTIAL
5.1.
Pin Configuration Default Register Settings
The following table shows the Pin Widget Configuration Default settings.
Table 5. Pin Configuration Default Settings
Pin Name
Port
Location
Device
Connection
Color
Misc
Assoc.
Seq
DigInPin
Not
Connected
01b
Mainboard
Rear
1h
SPDIF In
Ch
RCA
4h
Gray
2h
Jack Detect
Overide = 1
9h
0h
DigOutPin
Connect to
Jack
00b
Mainboard
Rear
1h
SPDIF
Out
4h
RCA
4h
Gray
2h
Jack Detect
Overide = 0
7h
0h
PortAPin
Connect to
Jack
00b
Mainboard
Front
2h
HP Out
2h
1/8 inch Jack
1h
Green
4h
Jack Detect
Overide = 0
2h
0h
PortBPin
Connect to
Jack
00b
Mainboard
Front
2ht
Mic In
Ah
1/8 inch Jack
1h
Pink
9h
Jack Detect
Overide = 0
8h
0h
PortCPin
Connect to
Jack
00b
Mainboard
Rear
1h
Line In
8h
1/8 inch Jack
1h
Blue
3h
Jack Detect
Overide = 0
4h
Eh
PortDPin
Connect to
Jack
00b
Mainboard
Rear
1h
Line Out
0h
1/8 inch Jack
1h
Green
4h
Jack Detect
Overide = 0
1h
0h
PortEPin
Connect to
Jack
00b
Mainboard
Rear
1h
Mic In
Ah
1/8 inch Jack
1h
Pink
9h
Jack Detect
Overide = 0
4h
0h
PortFPin
Connect to
Jack
00b
Mainboard
Rear
1h
Line Out
0h
1/8 inch Jack
1h
Black
1h
Jack Detect
Overide = 0
1h
2h
PortGPin
Connect to
Jack
00b
Mainboard
Rear
1h
Line Out
0h
1/8 inch Jack
1h
Orange
6h
Jack Detect
Overide = 0
1h
1h
PortHPin
Connect to
Jack
00b
Mainboard
Rear
1h
Line Out
0h
1/8 inch Jack
1h
Gray
2h
Jack Detect
Overide = 0
1h
Fh
CDPin
Not
Connected
01b
Internal
01000b
CD
3h
ATAPI
Internal
3h
Unknown
0h
Jack Detect
Overide = 1
Fh
0h
DigMicPin
Not
Connected
01b
Internal
01000b
Mic In
Ah
Unknown
0h
Unknown
0h
Jack Detect
Overide = 1
Fh
0h
DigMicPin
Not
Connected
01b
Internal
01000b
Mic In
Ah
Unknown
0h
Unknown
0h
Jack Detect
Overide = 1
Fh
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com