Electronic Components Datasheet Search
  English  ▼

X  

STAC9227 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # STAC9227
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9227 Datasheet(HTML) 1 Page - Integrated Device Technology

  STAC9227 Datasheet HTML 1Page - Integrated Device Technology STAC9227 Datasheet HTML 2Page - Integrated Device Technology STAC9227 Datasheet HTML 3Page - Integrated Device Technology STAC9227 Datasheet HTML 4Page - Integrated Device Technology STAC9227 Datasheet HTML 5Page - Integrated Device Technology STAC9227 Datasheet HTML 6Page - Integrated Device Technology STAC9227 Datasheet HTML 7Page - Integrated Device Technology STAC9227 Datasheet HTML 8Page - Integrated Device Technology STAC9227 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 237 page
background image
DATASHEET
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227/9228/9229/9230
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
1
STAC9227/9228/9229/9230V 1.0 MARCH 2007
IDT CONFIDENTIAL
Description
The STAC9227/9228/9229/9230 are a family of Theater
Quality 8-channel audio CODECs that enable systems with
7.1 audio or 5.1 audio playing simultaneously with VoIP or
another stereo audio stream. SigmaTel's proprietary
Σ∆
technology provides high fidelity with an estimated DAC
SNR up to 105dB. Up to four digital microphones are
supported enabling high quality voice input for increased
usability of voice applications.
Features
•
High performance HD Audio CODEC provides
Theater Quality Audio
•
High performance
Σ∆ technology
•
105dB DAC SNR
•
90dB ADC SNR
•
Four Stereo DACs and three stereo ADCs
•
Supports 7.1 audio or 5.1 audio with simultaneous Real
Time Communication (RTC) channel such as VoIP or
separate stereo audio stream
•
24-bit resolution with up to 192 KHz sample rates
•
Digital Microphone Interface
•
Direct interface up to four Digital Microphones
•
Analog Stereo Microphone
•
Microphone Boost 0, 10, 20, 30, 40dB
•
Six adjustable Vref outputs for microphone bias
•
Integrated Headphone Amps (3).
•
S/PDIF In and Out
•
ADAT® Optical “Lightpipe”
Output Support
•
Volume Up/Down Control
•
Jack Insertion Detect and
Impedance Sensing Supports Jack Retasking and
Universal Jacks
•
Digital PC Beep to all outputs
•
+3.3 V to +5 V analog power supply options
•
Environmental 48-pin LQFP package option
Software Support
•
SKPI (Kernel Processing Interface)
•
Enables plug-ins that can operate globally on all audio
streams of the system
•
12 band parametric equalizer SKPI plug-in
•
Constant, system-level effects tuned to optimize a
particular platform can be combined with user-mode
“presets” tailored for specific acoustical environments
and applications
•
System-level effects automatically disabled when
external connections made
•
Dynamics Processing SKPI plug-in
•
Enables improved voice articulation
•
Compressor/limiter allows higher average noise level
without resonances
•
Dolby PC Entertainment Experience Logo Program
•
Dolby Master StudioTM
•
Dolby Home TheaterTM
•
Dolby Sound RoomTM
•
Dolby Technologies
•
Dolby HeadphoneTM, Dolby Virtual SpeakerTM
•
Dolby ProLogic IITM, Dolby ProLogic IIxTM
•
Dolby Digital LiveTM
•
Intel Audio StudioTM from Sonic Focus
•
Maxx PlayerTM from Waves
•
Microphone Beam Forming, Acoustic Echo
Cancellation, & Noise Suppression from
KnowlesTM


Similar Part No. - STAC9227

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220D3TAEYYX IDT-STAC9220D3TAEYYX Datasheet
1Mb / 172P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220D5TAEYYX IDT-STAC9220D5TAEYYX Datasheet
1Mb / 172P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220X3TAEYYX IDT-STAC9220X3TAEYYX Datasheet
1Mb / 172P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220X5TAEYYX IDT-STAC9220X5TAEYYX Datasheet
1Mb / 172P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9227

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com