Electronic Components Datasheet Search
  English  ▼

X  

STAC9227 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # STAC9227
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9227 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button STAC9227 Datasheet HTML 32Page - Integrated Device Technology STAC9227 Datasheet HTML 33Page - Integrated Device Technology STAC9227 Datasheet HTML 34Page - Integrated Device Technology STAC9227 Datasheet HTML 35Page - Integrated Device Technology STAC9227 Datasheet HTML 36Page - Integrated Device Technology STAC9227 Datasheet HTML 37Page - Integrated Device Technology STAC9227 Datasheet HTML 38Page - Integrated Device Technology STAC9227 Datasheet HTML 39Page - Integrated Device Technology STAC9227 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 237 page
background image
STAC9227/9228/9229/9230
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
36
STAC9227/9228/9229/9230V 1.0 MARCH 2007
IDT CONFIDENTIAL
6.1.3.
Root NodeInfo
6.2.
AFG Node (NID = 0x01)
6.2.1.
AFG Reset
[7:4]
SteppingFix
R
0x0
Fixed portion of vendor stepping number
within the Vendor RevID.
[3:0]
SteppingProg
R
0x1
vendor stepping number within the Vendor
RevID.
Table 11. Root NodeInfo
Command Verb Format
Verb ID
Payload
Response
Get
F00
04
See bitfield table.
Table 12. Root NodeInfo
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd2
R
0x00
Reserved
[23:16]
StartNID
R
0x01
Starting node number (NID) of first function
group
[15:8]
Rsvd1
R
0x00
Reserved
[7:0]
TotalNodes
R
0x01
Total number of nodes
Table 13. AFG Reset
Command Verb Format
Verb ID
Payload
Response
Get
7FF
00
See bitfield table.
Set1
7FF
See bits [7:0] of bitfield table.
0000_0000h
Table 10. Root RevID
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com