Electronic Components Datasheet Search
  English  ▼

X  

AD9627PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 14Page - Analog Devices AD9627PCB Datasheet HTML 15Page - Analog Devices AD9627PCB Datasheet HTML 16Page - Analog Devices AD9627PCB Datasheet HTML 17Page - Analog Devices AD9627PCB Datasheet HTML 18Page - Analog Devices AD9627PCB Datasheet HTML 19Page - Analog Devices AD9627PCB Datasheet HTML 20Page - Analog Devices AD9627PCB Datasheet HTML 21Page - Analog Devices AD9627PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD9627
Preliminary Technical Data
Rev. PrA | Page 18 of 40
Figure 8 details a typical single-ended input configuration.
Figure 8. Single-Ended Input Configuration
Table 2. Reference Configuration Summary
Selected Mode
SENSE Voltage
Resulting VREF (V)
Resulting Differential
Span (V p-p)
External Reference
AVDD
N/A
2 × External Reference
Internal Fixed Reference
VREF
0.5
1.0
Programmable Reference
0.2 V to VREF
⎟
⎠
⎞
⎜
⎝
⎛ +
×
1
2
1
5
.
0
R
R
(See Figure 10)
2 × VREF
Internal Fixed Reference
AGND to 0.2 V
1.0
2.0
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD9627.
The input range can be adjusted by varying the reference
voltage applied to the AD9627, using either the internal
reference or an externally applied reference voltage. The input
span of the ADC tracks reference voltage changes linearly. The
various reference modes are summarized in the next few
sections. The Reference Decoupling section describes the best
practices PCB layout of the reference.
Internal Reference Connection
A comparator within the AD9627 detects the potential at the
SENSE pin and configures the reference into four possible
states, which are summarized in Table x. If SENSE is grounded,
the reference amplifier switch is connected to the internal
resistor divider (see Figure 9), setting VREF to 1 V. Connecting
the SENSE pin to VREF switches the reference amplifier output
to the SENSE pin, completing the loop and providing a 0.5 V
reference output. If a resistor divider is connected external to
the chip as shown in Figure 10, the switch again sets to the
SENSE pin. This puts the reference amplifier in a noninverting
mode with the VREF output defined as
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
1
2
1
5
0
R
R
.
VREF
The input range of the ADC always equals twice the voltage at
the reference pin for either an internal or an external reference.
Figure 9. Internal Reference Configuration
2V p-p
R
R
C
49.9Ω
0.1µF
10µF
10µF
0.1µF
AVDD
1kΩ
1kΩ
1kΩ
1kΩ
VIN+
VIN–
ADC
AD9627
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com