Electronic Components Datasheet Search
  English  ▼

X  

AD9627PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 23Page - Analog Devices AD9627PCB Datasheet HTML 24Page - Analog Devices AD9627PCB Datasheet HTML 25Page - Analog Devices AD9627PCB Datasheet HTML 26Page - Analog Devices AD9627PCB Datasheet HTML 27Page - Analog Devices AD9627PCB Datasheet HTML 28Page - Analog Devices AD9627PCB Datasheet HTML 29Page - Analog Devices AD9627PCB Datasheet HTML 30Page - Analog Devices AD9627PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Preliminary Technical Data
AD9627
Rev. PrA | Page 27 of 40
SPORT serial port. The monitor period timer is reloaded with
the value in the SMPR, and the countdown is restarted. Also,
the first input sample signal power is updated in the holding
register, and the accumulation continues with the subsequent
input samples. Figure 24 illustrates the RMS magnitude
monitoring logic.
For RMS magnitude mode, the value in the PMV is a 20 bit
fixed point number. The equation shown below can be used to
determine the RMS magnitude in dBFS from the MAG value in
the register. Note that if the signal monitor period (SMP) is a
power of 2, the 2nd term in the equation goes to zero.
RMS_Magnitude
20 log
MAG
2
20
⎛
⎜
⎝
⎞
⎟
⎠
⋅
10 log
SMP
2
ceil log2 SMP
()
⎡⎣
⎤⎦
⎡
⎢
⎣
⎤
⎥
⎦
⋅
−
:=
For MS magnitude mode, the value in the PMV is a 20 bit fixed
point number. The equation shown below can be used to
determine the MS magnitude in dBFS from the MAG value in
the register. Note that if the signal monitor period (SMP) is a
power of 2, the 2nd term in the equation goes to zero.
MS_Magnitude
10 log
MAG
2
20
⎛
⎜
⎝
⎞
⎟
⎠
⋅
10 log
SMP
2
ceil log2 SMP
()
⎡⎣
⎤⎦
⎡
⎢
⎣
⎤
⎥
⎦
⋅
−
:=
Figure 24. ADC Input RMS Magnitude Monitoring Block Diagram
THRESHOLD CROSSING MODE (MODE BITS 1X)
In this mode of operation, the magnitude of the input port
signal is monitored over a programmable time period (given by
SMPR) to count the number of times it crosses a certain
programmable threshold value. This mode is set by program-
ming Logic 1x (where x is a don’t care bit) in the power-monitor
mode bits of the signal monitor control register or by setting the
Threshold Crossing Output Enable bit in the Signal monitor
SPORT Control Register. Before activating this mode, the user
needs to program the 24-bit SMPR and the 13-bit upper
threshold register for each individual input port. The same
upper threshold register is used for both signal monitoring and
gain control (see the ADC Overrange and Gain Control
section).
After entering this mode, the value in the SMPR is loaded into a
monitor period timer, and the countdown is started. The
magnitude of the input signal is compared to the upper
threshold register (programmed previously) on each input clock
cycle. If the input signal has magnitude greater than the upper
threshold register, then the internal count register is
incremented by 1. The initial value of the internal count register
is set to 0. This comparison and increment of the internal count
register continues until the monitor period timer reaches a
count of 1.
When the monitor period timer reaches a count of 1, the value
in the internal count register is transferred to the signal monitor
holding register, which can be read through the SPI port or
output through the SPORT serial port. The monitor period
timer is reloaded with the value in the SMPR, and the
countdown is started. The internal count register is also cleared
to a value of 0. Figure 25 illustrates the threshold crossing logic.
The value in the PMV is the number of samples that have a
magnitude greater than the threshold register.
POWER MONITOR
HOLDING
REGISTER
COMPARE
A > B
UPPER
THRESHOLD
REGISTER
COMPARE
A > B
TO
MEMORY
MAP
FROM
MEMORY
MAP
FROM
MEMORY
MAP
FROM
INPUT
PORTS
LOAD
CLEAR
LOAD
IS COUNT = 1?
DOWN
COUNTER
TO
INTERRUPT
CONTROLLER
POWER MONITOR
PERIOD REGISTER
B
A
Figure 25. ADC Input Threshold Crossing Block Diagram
ADDITIONAL CONTROL BITS
For additional flexibility in the signal monitoring process, two
control bits are provided in the power-monitor control register.
They are the signal monitor enable bit and the complex power
bit.
Signal monitor Enable Bit
The signal monitor enable bit located in bit 0 or register 0x112
enables operation of the signal monitor block. If the signal
monitor function is not needed in a particular application then
this bit should be cleared to conserver power.
Measure Complex Power Bit
When this bit is set the part assumes that Channel A is
digitizing the I data and Channel B is digitizing the Q data for a
complex input signal (or vice versa). In this mode the power
reported is the sqrt(I^2 + Q^2). This complex power
measurement result is presented in the Channel A signal
monitor value register if the signal monitor mode bits are set to
00. The channel B signal monitor will continue to compute the
channel B value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com