Electronic Components Datasheet Search
  English  ▼

X  

AD9627PCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 22Page - Analog Devices AD9627PCB Datasheet HTML 23Page - Analog Devices AD9627PCB Datasheet HTML 24Page - Analog Devices AD9627PCB Datasheet HTML 25Page - Analog Devices AD9627PCB Datasheet HTML 26Page - Analog Devices AD9627PCB Datasheet HTML 27Page - Analog Devices AD9627PCB Datasheet HTML 28Page - Analog Devices AD9627PCB Datasheet HTML 29Page - Analog Devices AD9627PCB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
AD9627
Preliminary Technical Data
Rev. PrA | Page 26 of 40
SIGNAL MONITOR
The Signal monitoring block serves to characterize the signal
being digitized by the ADC. It operates in one to three modes
to compute the RMS Input Magnitude, Peak Magnitude, and/or
the number of samples that the Magnitude crosses a particular
threshold. Together these functions can be used to gain insight
into the signal characteristics and can be used to estimate the
Peak/Average ratio or even the shape of the CCDF curve (peak
to average ratio) of the input signal. This information can be
used to drive an AGC loop and to optimize the range of the
ADC in the presence of real world signals.
The signal monitor result values can be obtained from the part
by either reading back internal registers at addresses 0x116 to
0x11B using the SPI port or by using the signal monitor SPORT
output. The output contents of the SPI accessible signal monitor
registers is set via the 2 power-monitor mode bits of the signal
monitor control register. Both ADC channels must be
configured for the same signal monitor mode. Separate SPI
accessible 20 bit Signal monitor Value (PMV) output registers
are provided for each ADC channel. Any combination of the
signal monitor functions can also be output to the user via a
serial SPORT interface. These outputs are enabled using the
Peak Power Output Enable, RMS Magnitude Output Enable,
and Threshold Crossing Output Enable bits in the Signal
monitor SPORT Control Register.
For each of the signal monitor measurements a programmable
Signal Monitor Period Register (SMPR) controls the duration
of the measurement. This time period is programmed as the
number of input clock cycles in a 24-bit ADC monitor period
register located at addresses 0x113, 0x114, and 0x115. This
register can be programmed with a period from 128 samples to
16.78 (2^24) million samples.
Since the DC offset of the ADC can be significantly larger than
the signal of interest a simple DC correction circuit is included
as part of the signal monitor block to null the DC offset before
measuring the power.
PEAK DETECTOR MODE (MODE BITS 01)
The magnitude of the input port signal is monitored over a
programmable time period (given by SMPR) to give the peak
value detected. This function is enabled by programming a logic
1 in the power-monitor mode bits of the power-monitor control
register or by setting the Peak Power Output Enable bit in the
Signal monitor SPORT Control Register. The 24-bit SMPR must
be programmed before activating this mode.
After enabling this mode, the value in the SMPR is loaded into a
monitor period timer and the countdown is started. The
magnitude of the input signal is compared to the internal peak
level holding register, and the greater of the two is updated back
into the peak level holding register. The initial value of the peak
level holding register is set to the current ADC input signal
magnitude. This comparison continues until the monitor
period timer reaches a count of 1.
When the monitor period timer reaches a count of 1, the 13 bit
value in the peak level holding register is transferred to a
holding register, which can be read through the SPI port or
output through the SPORT serial interface. The monitor period
timer is reloaded with the value in the SMPR, and the
countdown is started. Also, the first input sample’s magnitude is
updated in the peak level holding register, and the comparison
and update procedure, as explained above, continues.
Figure 23 is a block diagram of the peak detector logic. The
PMV contains the absolute magnitude of the peak detected by
the peak detector logic.
POWER MONITOR
HOLDING
REGISTER
MAGNITUDE
STORAGE
REGISTER
COMPARE
A>B
TO
MEMORY
MAP
FROM
MEMORY
MAP
FROM
INPUT
PORTS
LOAD
CLEAR
LOAD
LOAD
IS COUNT = 1?
DOWN
COUNTER
TO
INTERRUPT
CONTROLLER
POWER MONITOR
PERIOD REGISTER
Figure 23. ADC Input Peak Detector Block Diagram
RMS/MS MAGNITUDE MODE (MODE BITS 00)
In this mode, the RMS or MS magnitude of the input port
signal is integrated (by adding an accumulator) over a
programmable time period (given by SMPR) to give the RMS or
MS magnitude of the input signal. This mode is set by
programming Logic 0 in the signal monitor mode bits of the
signal monitor control register or by setting the RMS
Magnitude Output Enable bit in the Signal monitor SPORT
Control Register. The 24-bit SMPR, representing the period
over which integration is performed, must be programmed
before activating this mode.
After enabling this mode, the value in the SMPR is loaded into a
monitor period timer, and the countdown is started
immediately. Each input sample is converted to floating point
format and squared. It is then converted to 11 bit fixed point
format and is added to the contents of a 24-bit holding register,
thus performing an accumulation. The integration continues
until the monitor period timer reaches a count of 1.
When the monitor period timer reaches a count of 1, the square
root of the value in the holding register is taken and transferred
to the power-monitor holding register (after some formatting),
which can be read through the SPI port or output through the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com