Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFT Datasheet(PDF) 60 Page - Integrated Circuit Systems

Part # ICS1893CFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFT Datasheet(HTML) 60 Page - Integrated Circuit Systems

Back Button ICS1893CFT Datasheet HTML 56Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 57Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 58Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 59Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 60Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 61Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 62Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 63Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 64Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
60
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.6.5 Technology Ability Field (bits 4.9:5)
When its Auto-Negotiation sublayer is enabled, the ICS1893CF transmits its link capabilities to its remote
link partner during the auto-negotiation process. The Technology Ability Field (TAF) bits 4.12:5 determine
the specific abilities that the ICS1893CF advertises. The ISO/IEC specification defines the TAF
technologies in Annex 28B.
The ISO/IEC specification reserves bits 4.12:10 for future use. When each of these reserved bits is:
• Read by an STA, the ICS1893CF returns a logic zero
• Written to by an STA, the STA must use the default value specified in this data sheet
ICS uses some reserved bits to invoke auxiliary functions. To ensure proper operation of the ICS1893CF,
an STA must maintain the default value of these bits. Therefore, ICS recommends that an STA always write
the default value of any reserved bits during all management register write operations.
Reserved bits 4.12:10 are Command Override Write (CW) bits. Whenever bit 16.15 (the Command
Register Override bit) is logic:
• Zero, the ICS1893CF isolates all STA writes to CW bits, including bits 4.12:10.
• One, an STA can modify the value of bits 4.12:10
Each of the bits 4.9:5 in the TAF represent a specific technology capability. When one of these bits is logic:
• Zero, it indicates to the remote link partner that the local device cannot support the technology
represented by the bit.
• One, it indicates to the remote link partner that the local device can support the technology.
With the exception of bit 4.9, the default settings of the TAF bits depend on the ICS1893CF operating
mode. Bit 4.9 is always logic zero, indicating that the ICS1893CF cannot support 100Base-T4 operations.
The TAF bits are Command Override Write bits. The default value of these bits depends on the signal level
on the HW/SW pin and whether the Auto-Negotiation sublayer is enabled.
With the Auto-Negotiation Enable bit (bit 0.12) set to logic:
• Zero (that is, disabled), the ICS1893CF does not execute the auto-negotiation process. Upon completion
of the initialization sequence, the ICS1893CF proceeds to the Idle state and begins transmitting IDLES.
Two Control Register bits – the Data Rate Select bit (bit 0.13) and the Duplex Select bit (bit 0.8) –
determine the technology mode that the ICS1893CF uses for data transmission and reception. In this
mode, the values of the TAF bits (bits 4.8:5) are undefined.
• One (that is, enabled), the ICS1893CF executes the auto-negotiation process and advertises its
capabilities to the remote link partner. The TAF bits (bits 4.8:5) determine the capabilities that the
ICS1893CF advertises to its remote link partner. For the ICS1893CF, all of these bits 4.8:5 are set to
logic one, indicating the ability of the ICS1893CF to provide these technologies.
Note:
1. The ICS1893CF does not alter the value of the Status Register bits based on the TAF bits in
register 4, as the ISO/IEC definitions for the Status Register bits require these bits to indicate all the
capabilities of the ICS1893CF.
2. The STA can alter the default TAF bit settings, 4.12:5, and subsequently issue an Auto-Negotiation
Restart.
7.6.6 Selector Field (Bits 4.4:0)
When its Auto-Negotiation Sublayer is enabled, the ICS1893CF transmits its link capabilities to its remote
Link Partner during the auto-negotiation process. The Selector Field is transmitted based on the value of
bits 4.4:0. These bits indicate to the remote link partner the type of message being sent during the
auto-negotiation process. The ICS1893CF supports IEEE Std. 802.3, represented by a value of 00001b in
bits 4.4:0. The ISO/IEC 8802-3 standard defines the Selector Field technologies in Annex 28A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com