Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFT Datasheet(PDF) 86 Page - Integrated Circuit Systems

Part # ICS1893CFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFT Datasheet(HTML) 86 Page - Integrated Circuit Systems

Back Button ICS1893CFT Datasheet HTML 82Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 83Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 84Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 85Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 86Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 87Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 88Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 89Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 90Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
86
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Note: Each of these pins monitor the data link by providing signals that directly drive LEDs.
Table 8-5. PHY Address and LED Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
P0AC
1
Input or
Output
PHY (Address Bit) 0 / Activity LED.
For more information on this pin, see Section 5.5, “Status Interface”.
• This multi-function configuration pin is:
– An input pin during either a power-on reset or a hardware reset. In
this case, this pin configures the ICS1893CF PHY address Bit 0.
– An output pin following reset. In this case, this pin provides indication
of Receive “OR” Transmit activity.
As an input pin:
• This pin establishes the address for the ICS1893CF. When the signal
on this pin is logic:
– Low, that address bit is set to logic zero.
– High, that address bit is set to logic one.
As an output pin:
• When the signal on this pin is:
– De-asserted, this state indicates the ICS1893CF does not have
activity.
– Asserted, this state indicates the ICS1893CF has activity.
Caution:
This pin must not float. (See the notes at Section 8.2.2,
“Multi-Function (Multiplexed) Pins: PHY Address and LED
Pins”.)
P1CL
3
Input or
Output
PHY (Address Bit) 1 / Collision LED.
For more information on this pin, see Section 5.5, “Status Interface”.
• This multi-function configuration pin is:
– An input pin during either a power-on reset or a hardware reset. In
this case, this pin configures the ICS1893CF PHY Address Bit 1.
– An output pin following reset. In this case, this pin provides collision
status for the ICS1893CF.
As an input pin:
• This pin establishes the address for the ICS1893CF. When the signal
on this pin is Logic:
– Low, that address bit is set to logic zero.
– High, that address is set to logic one.
As an output pin:
• When the signal on this pin is:
– De-asserted, this state indicates the ICS1893CF does not detect any
collisions.
– Asserted, this state indicates the ICS1893CF detects collisions.
• The ICS1893CF asserts its Collision LED for a period of approximately
70 msec when it detects a collision.
Caution:
This pin must not float. (See the notes at Section 8.2.2,
“Multi-Function (Multiplexed) Pins: PHY Address and LED
Pins”.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com