| Electronic Components Datasheet Search |
|
ICS1893CFT Datasheet(PDF) 68 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFT Datasheet(HTML) 68 Page - Integrated Circuit Systems |
|
68 / 126 page ![]() ICS1893CF, Rev. F, 03/01/07 Mar. 2007 68 Chapter 7 Management Register Set ICS1893CF Data Sheet - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 7.10.1 Next Page (bit 8.15) This bit is used by a PHY/STA to enable the transmission of Next Pages following the base Link Control Word as long as the remote link partner supports the Next Page features of Auto-Negotiation. This bit is used to establish the state of the Next Page (NP) bit of the Next Page Link Control Word (that is, the NP bit of the Next Page Link Control word tracks this bit). During a Next Page exchange, if the NP bit is logic: • Zero, it indicates to the remote link partner that this is the last Message or Page. • One, it indicates to the remote link partner that additional Pages follow this Message. 7.10.2 IEEE Reserved Bit (bit 8.14) The ISO/IEC specification reserves this bit for future use. When this reserved bit is: • Read by an STA, the ICS1893CF returns a logic zero. • Written to by an STA, the STA must use the default value specified in this data sheet. IDT uses some reserved bits to invoke auxiliary functions. To ensure proper operation of the ICS1893CF, an STA must maintain the default value of these bits. Therefore, IDT recommends that an STA always write the default value of any reserved bits during all management register write operations. 7.10.3 Message Page (bit 8.13) The Message Page (MP) bit (bit 8.13) is used to determine the format or type of Page being transmitted. The value of this bit establishes the state of the MP bit in the Next Page Link Control Word. If this bit is set to logic: • Zero, it indicates that the Page is an Unformatted Page. • One, it indicates to the remote link partner that the Page being transmitted is a Message Page. 7.10.4 Acknowledge 2 (bit 8.12) This bit is used to indicate the ability of the ICS1893CF to comply with a message. The value of this bit establishes the state of the Ack2 bit in the Next Page Link Control Word. If this bit is set to logic: • Zero, it indicates that the ICS1893CF cannot comply with the message. • One, it indicates to the remote link partner that the ICS1893CF can comply with the message. If the previous Next Page Link Control Word Toggle bit has a value of logic: • Zero, then the Toggle bit is set to logic one. • One, then the Toggle bit is set to logic zero. The initial Next Page Link Control Word Toggle bit is set to the inverse of the base Link Control Word bit 11. 7.10.5 Message Code Field / Unformatted Code Field (bits 8.10:0) Bits 8.10:0 represent either the Message Code field M[10:0] or the Unformatted Code field U[10:0] bits. The value of these bits establish the state of the M[10:0] / U[10:0] bits in the Next Page Link Control Word. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |