| Electronic Components Datasheet Search |
|
ICS1893CFT Datasheet(PDF) 78 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFT Datasheet(HTML) 78 Page - Integrated Circuit Systems |
|
78 / 126 page ![]() ICS1893CF, Rev. F, 03/01/07 Mar. 2007 78 Chapter 7 Management Register Set ICS1893CF Data Sheet - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 7.13.2 Polarity Reversed (bit 18.14) The Polarity Reversed bit is used to inform an STA whether the ICS1893CF has detected that the signals on the Twisted-Pair Receive Pins (TP_RXP and TP_RXN) are reversed. When the signal polarity is: • Correct, the ICS1893CF sets bit 18.14 to a logic zero. • Reversed, the ICS1893CF sets bit 18.14 to logic one. Note: The ICS1893CF can detect this situation and perform all its operations normally, independent of the reversal. 7.13.3 ICS Reserved (bits 18.13:6) See Section 7.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here. 7.13.4 Jabber Inhibit (bit 18.5) The Jabber Inhibit bit allows an STA to disable Jabber Detection. When an STA sets this bit to: • Zero, the ICS1893CF enables 10Base-T Jabber checking. • One, the ICS1893CF disables its check for a Jabber condition during data transmission. 7.13.5 ICS Reserved (bit 18.4) See Section 7.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here. 7.13.6 Auto Polarity Inhibit (bit 18.3) The Auto Polarity Inhibit bit allows an STA to prevent the automatic correction of a polarity reversal on the Twisted-Pair Receive pins (TP_RXP and TP_RXN). If an STA sets this bit to logic: • Zero (the default), the ICS1893CF automatically corrects a polarity reversal on the Twisted-Pair Receive pins. • One, the ICS1893CF either disables or inhibits the automatic correction of reversed Twisted-Pair Receive pins. Note: The ICS1893CF will not complete the Auto-MDIX function for an inverted polarity cable. This is a rare event with modern manufactured cables. Full Auto-Negotiation and Auto Polarity Correction will complete when the Auto-MDIX function is disabled. Software control for the Auto-MDIX function is available in MDIO Register 19 Bits 9:8. 7.13.7 SQE Test Inhibit (bit 18.2) The SQE Test Inhibit bit allows an STA to prevent the generation of the Signal Quality Error pulse. When an STA sets this bit to logic: • Zero, the ICS1893CF enables its SQE Test generation. • One, the ICS1893CF disables its SQE Test generation. The SQE Test provides the ability to verify that the Collision Logic is active and functional. A 10Base-T SQE test is performed by pulsing the Collision signal for a short time after each packet transmission completes, that is, after TXEN goes inactive. Note: 1. The SQE Test is automatically inhibited in full-duplex and repeater modes, thereby disabling the functionality of this bit. 2. This bit is a control bit and not a status bit. Therefore, it is not updated to indicate this automatic inhibiting of the SQE test in full-duplex mode or repeater mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |