Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFT Datasheet(PDF) 81 Page - Integrated Circuit Systems

Part # ICS1893CFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFT Datasheet(HTML) 81 Page - Integrated Circuit Systems

Back Button ICS1893CFT Datasheet HTML 77Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 78Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 79Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 80Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 81Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 82Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 83Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 84Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 85Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
81
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.14.1 Node Configuration (bit 19.15)
The Node Configuration bit indicates the NOD/MODE.
• In Node mode:
– The SQE Test default setting is enabled.
– The Carrier Sense signal (CRS) is asserted in response to either transmit or receive activity.
• The ICS1893CF will only operate in the Node Configuration.
7.14.2 Hardware/Software Priority Status (bit 19.14)
The Hardware/Software Priority Status bit indicates the SW mode.
• The (MDIO) register bits control the ICS1893CF configuration.
• The ICS1893CF will only operate in the Software Configuration.
7.14.3 Remote Fault (bit 19.13)
The ISO/IEC specification defines bit 5.13 as the Remote Fault bit, and bit 19.13 is functionally identical to
bit 5.13. The Remote Fault bit is set based on the Link Control Word received from the remote link partner.
When this bit is a logic:
• Zero, it indicates the remote link partner does not detect a Link Fault.
• One, it indicates to an STA that the remote link partner detects a Link Fault.
7.14.4 ICS Reserved (bits 19.12:10)
See Section 7.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.
7.14.5 Auto-MDI/MDIX (bits 19. 9:8) (New)
The ICS1893CF includes the Auto-MDI/MDIX crossover feature. The Auto-MDI/MDIX feature automatically
selects the correct MDI or MDIX configuration to match the cable plant by automatically swapping transmit
and receive signal pairs at the PHY. Auto-MDI/MDIX is defaulted on but may be disabled for test purposes
using either the AMDIX_EN (pin 10) or by writing (bits 19. 9:8). See Table 7-22 for AMDIX_EN (19,9) and
MDI_MODE (19,8) operation.
When AMDIX_EN (bit 19,9) is set to 0, the twisted pair transmit/receive is forced by the MDI_MODE bit
(19,8).
Note: Holding (Pin 10) AMDIX_EN low will also disable the Auto_MDIX function and force pins TP_AP
and TP_AN to be the transmit pair and TP_BP and TP_BN to be the receive pair. AMDIX_EN has
a built in 50K Ohm internal pull-up.
Table 7-22. AMDIX_EN (Pin 10) and Control Bits 19. 9:8
AMDIX_EN
(Pin 10)
AMDIX_EN
[Reg 19:9]
MDI_MODE
[Reg 19:8]
Tx/Rx MDI
Configuration
x0
0
straight
x0
1
cross
01
x
straight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com