Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFI Datasheet(PDF) 96 Page - Integrated Circuit Systems

Part # ICS1893CFI
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFI Datasheet(HTML) 96 Page - Integrated Circuit Systems

Back Button ICS1893CFI Datasheet HTML 92Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 93Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 94Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 95Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 96Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 97Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 98Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 99Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 100Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
96
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
8.3.1 ICS1893CK Pin Descriptions
The ICS1893CK Pin Signal Descriptions are identical in function to the ICS1893CF except for the Pin
Numbers. See section 8.1 for descriptions.
Table 8-9. ICS1893CK MAC Interface Pins
Signal Name
Pin No.
Description
MDIO
26
Management Data Input/Output
MDC
27
Management Data Clock
RXD3
28
Receive Data 3
RXD2
29
Receive Data 2
RXD1
30
Receive Data 1
RXD0
31
Receive Data 0
RXDV
32
Receive Data Valid
RXCLK
34
Receive Clock
RXER
35
Receive Error
TXCLK
37
Transmit Clock
TXEN
38
Transmit Enable
TXD0
39
Transmit Data 0
TXD1
40
Transmit Data 1
TXD2
41
Transmit Data 2
TXD3
42
Transmit Data 3
COL
43
Collision Detect
CRS
44
Carrier Sense
Table 8-10. ICS1893CK Multifunction Pins: PHY Address and LED Pins
Signal Name
Pin No.
Signals Description
P4RD
56
PHYAD[4] / Receive LED
P3TD
54
PHYAD[3] / Transmit LED
P2LI
52
PHYAD[2] / Link LED
P1CL
51
PHYAD[1] / Collision LED
P0AC
49
PHYAD[0] / Activity LED
Table 8-11. ICS1893CK Configuration Pins
Signal Name
Pin No.
Signals Description
10/100
1
Output Speed indication, High=100baseTX
AMDIX_EN
2
Auto-MDIX Enable (built-in internal 50K Ohm pull-up)
10TCSR
12
10M Transmit Amplitude Current Set Resistor
100TCSR
13
100M Transmit Amplitude Current Set Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com