Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFI Datasheet(PDF) 94 Page - Integrated Circuit Systems

Part # ICS1893CFI
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFI Datasheet(HTML) 94 Page - Integrated Circuit Systems

Back Button ICS1893CFI Datasheet HTML 90Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 91Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 92Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 93Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 94Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 95Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 96Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 97Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 98Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
94
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
8.2.5 Ground and Power Pins
Table 8-8. Ground and Power Pins
Signal Name
Pin No.
Signal Description
Power
VDD
7
3.3V
VDD
14
3.3V
VDD
18
3.3V
VDD
22
3.3V
VDD
24
3.3V
VDD
33
3.3V
VDD
45
3.3V
VDD
48
3.3V
Ground
VSS
2
VSS
5
VSS
11
VSS
17
VSS
21
VSS
25
VSS
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com